Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4606V Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4606V
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606V Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4606V Datasheet HTML 16Page - Linear Technology LTM4606V Datasheet HTML 17Page - Linear Technology LTM4606V Datasheet HTML 18Page - Linear Technology LTM4606V Datasheet HTML 19Page - Linear Technology LTM4606V Datasheet HTML 20Page - Linear Technology LTM4606V Datasheet HTML 21Page - Linear Technology LTM4606V Datasheet HTML 22Page - Linear Technology LTM4606V Datasheet HTML 23Page - Linear Technology LTM4606V Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM4606
20
4606f
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VOUT
VFB
FCB
MARG0
MARG1
MPGM
VIN
VOUT
R2
100k
C4
0.33μF
C6
220pF
COUT1
22μF
6.3V
4606 TA05
COUT2
220μF
6.3V
2.5V AT 12A
C7
0.1μF
C5
100μF
35V
C2
10μF
35V
C8
10μF
35V
VIN
4.5V TO 28V
LTC6908-1
2-PHASE
OSCILLATOR
PLLIN
CLOCK SYNC
0° PHASE
CLOCK SYNC
180° PHASE
LTM4606
SGND
PGND
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VIN
PLLIN
LTM4606
SGND
PGND
MARGIN
CONTROL
5% MARGIN
5% MARGIN
R4
100k
RFB
9.53k
R1
392k
R3
100k
R5
118k
V+
GND
SET
OUT1
OUT2
MOD
+
VOUT
VFB
FCB
MARG0
MARG1
MPGM
COUT3
22μF
6.3V
COUT4
220μF
6.3V
R6
392k
+
+
VD
C3
10μF
VD
C1
10μF
Figure 21. 2-Phase, Parallel 2.5V at 12A Design
Figure 20. Typical 4.5V to 28VIN, 2.5V at 6A Design
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
VIN
VOUT
R3
100k
C4
0.01μF
C2
100pF
COUT1
22μF
6.3V
COUT2
220μF
6.3V
2.5V AT 6A
CIN
10μF
35V
CERAMIC
x2
4.5V TO 28V
PLLIN
CLOCK SYNC
ON/OFF
LTM4606
SGND
PGND
MARGIN
CONTROL
R4
100k
RFB
19.1k
R1
392k
5% MARGIN
+
4606 TA04
VD
C1
10μF
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com