Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW960330 Datasheet(PDF) 2 Page - celduc-relais

Part # SW960330
Description  INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SW960330 Datasheet(HTML) 2 Page - celduc-relais

  SW960330 Datasheet HTML 1Page - celduc-relais SW960330 Datasheet HTML 2Page - celduc-relais SW960330 Datasheet HTML 3Page - celduc-relais SW960330 Datasheet HTML 4Page - celduc-relais SW960330 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S/MOT/SW960330/A/16/03/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 5 F/GB
Synoptique interne / Internal diagram for two leg models :
Input circuit
lation
Switch
RC network
VDR
LED
4T2
~
B1
+
Mains
or
load
Load
or
mains
Insu
1L1
~
Mains
or
load
Load
or
mains
lation
Switch
RC network
VDR
Insu
5L3
~
6T3
~
Mains
or
load
Load
or
mains
A2
/B2
-
2T1
~
3L2
~
Forward
Reverse
Control lock
lation
Switch
RC network
VDR
Insu
lation
Switch
RC network
VDR
Insu
A1
+
Forward
Reverse
Common
L3-T3
depending
of models
Plage de tension de commande / Control voltage range
Uc
12-30VDC
Plage de courant de commande / Control current range
Ic
15-25mADC
Tension de non fonctionnement/ Release voltage
Ur
6VDC
LED de visualisation / Display LED
Yes
protection en cas de cdes simultanées / protection against simultaneous controls
Yes
tension inverse maxi / Maximum reverse voltage
Urv
30V
Signal de sortie / Output signal
no output
temporisation inversion / Reversing time
fixed 70ms
Caractéristiques générales / General characteristics
Unit
Poids/Weight
130g
g
Plage de température de stockage / Storage temperature range
-40 / +100
°C
Plage de température de fonctionnement/Operating temperature range
-40 / +100
°C
Caractéristiques d'entrée-sortie (à 20
°C) / Input-output characteristics (at 20
°C)
Unit
Isolement entrée-sortie/Input-output isolation @500m
Ui
3300
VRMS
Isolement sortie-semelle/Output-case isolation @500m
Ui
3300
VRMS
Tension assignée isolement/rated impulse voltage
Uimp
4000
V
Développé conformément aux normes / Designed in compliance with standards:
->EN60947-4-2 (V.D.E. 0660 part 109, I.E.C. 158-2)
->EN60947-1 & A11
->EN60950 (V.D.E. 0805-> office equipment) (Pending approval)
->U.L. 508 (Pending approval)
->c.U.L (Pending approval)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com