Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW960330 Datasheet(PDF) 3 Page - celduc-relais

Part # SW960330
Description  INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SW960330 Datasheet(HTML) 3 Page - celduc-relais

  SW960330 Datasheet HTML 1Page - celduc-relais SW960330 Datasheet HTML 2Page - celduc-relais SW960330 Datasheet HTML 3Page - celduc-relais SW960330 Datasheet HTML 4Page - celduc-relais SW960330 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S/MOT/SW960330/A/16/03/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
page 3 / 5 F/GB
Tension nominale/ Standard mains voltage
Ue
400 VAC
Plage de tension de fonctionnement / Mains voltage range
Un
24-520VAC
tension crête non répétitive/ Non-repetitive maximum peak voltage
Up
1600V
Courant AC-53 maxi/ Max. nom. current (AC53a=AC3) @40
°C
Ie
4,5ARMS
Puissance moteur/ 3 pole power motor ( 3x400VAC)
Pn
1,5KW
Chute directe / Max Direct voltage drop (@Ie)
Ud
1,4VRMS
Courant crête non répétitif/ Non repetitive overload current
(@ 1 cycle of 10ms)
ITSM
550A
I2t value/ Melting limit (choice of fuse) @10ms
I
2t
1500 A
2s
Courant minimal de charge / Minimum load current
Imin
100 mA
facteur de puissance/ Power factor (@ Ie)
Pf
0 up to 1
Temps d'ouverture et de temporisation/ Turn on time-reversing time(@50Hz)
ton/trv
20ms / 100ms
Temps d'ouverture/ Turn off time (@50Hz)
toff
10ms
Courant de fuite /Maximum leakage current (@Ue/50Hz)
Ilk
5 mARMS
dv/dt / Max off state voltage rise
dv/dt
500V/
µs
Fréquence de réseau / Operating frequency range
f
25 up to 440Hz
Max conducted immunity level
Test accord. to I.E.C.1000-4-4 (bursts)
4KV direct at output, 4KV with a clamp at input
no turn on or damage
Max conducted immunity level
Test acc. to I.E.C.1000-4-5 (el. shocks)
2KV in common mode, 1KV in differential mode (Input & output)
no turn on or damage
Max radiated immunity level
Test accord. to I.E.C.1000-4-3
10V/m
no turn on or damage
Max electrostatic disch. immunity level
Test accord. to I.E.C.1000-4-2
8KV in the air / 4KV touching
no turn on or damage
Max conducted emission level (0,8<Pf<1)
Test according to EN55011
The conducted noise made by SSR depends on the wiring configuration and the load type. Test
methods recommended by European E.M.C. standards giving results far from reality, we have
chosen to advise the right filter suited for the customer's use: Refer to EMC chapter
Max radiated emission level
Test accord. to EN55011 @Ie
<30dB
µV from 30 up to 230MHz ; <37dBµV from 230 up to 1000MHz
Base/junction thermal resistance
Rthjc
0,5K/W (1 leg)
Ambient/junction thermal resistance
(relay mounted vertically)
Rthja
5K/W
Weight
130g
Characteristics given at 25
°C unless otherwise specified
REVERSERS + HEATSINK SELECTION IN COMPLIANCE WITH EN60947-4-2
Relays with heatsink
Ferraz fuse type
14x51 size / max. rating
Overload relay type
Klöckner-Moeller
Motor power In motor
(@
400V)
two legs
ambient =40
°C
0,75 kW
2A
SW960330
am 8A/500V
Z00-2.4
1,1 kW
2,6A
SW960330
am 8A/500V
Z00-6
1,5 kW
3,5A
SW960330
am 12A/500V
Z00-6
2,2 kW
5A
SW961230 (See data-sheet)
am 12A/500V
Z00-6
3 kW
6,6A
SW961230 (See data-sheet)
am 12A/500V
Z00-10
4 kW
8,5A
SW961230 (See data-sheet)
am 12A/500V
Z00-10
For motor > 4kW consult us : we have some solutions
SSR SELECTION
motors soft-staters
for a permanent current
celduc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com