Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2248 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2248 Datasheet HTML 5Page - Linear Technology LTC2248 Datasheet HTML 6Page - Linear Technology LTC2248 Datasheet HTML 7Page - Linear Technology LTC2248 Datasheet HTML 8Page - Linear Technology LTC2248 Datasheet HTML 9Page - Linear Technology LTC2248 Datasheet HTML 10Page - Linear Technology LTC2248 Datasheet HTML 11Page - Linear Technology LTC2248 Datasheet HTML 12Page - Linear Technology LTC2248 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2248/LTC2247/LTC2246
9
224876fa
CODE
0
12288
2246 G01
4096
8192
16384
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
CODE
0
12288
2246 G02
4096
8192
16384
FREQUENCY (MHz)
0
2246 G03
24
68
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2246 G04
24
68
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2246 G05
24
68
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2246 G06
24
68
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
INPUT LEVEL (dBFS)
–60
– 50
– 40
–20
–30
–10
0
2247 G13
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
0
40
2247 G14
10
20
30
50
50
45
40
35
30
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
2
3
40
2247 G15
1
0
10
20
30
50
4
LTC2247: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2247: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2247: SFDR vs Input Level,
fIN = 5MHz, 2V Range, 40Msps
LTC2246: Typical INL,
2V Range, 25Msps
LTC2246: Typical DNL,
2V Range, 25Msps
LTC2246: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
25Msps
LTC2246: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
25Msps
LTC2246: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
25Msps
LTC2246: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
25Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com