Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2248 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2248 Datasheet HTML 16Page - Linear Technology LTC2248 Datasheet HTML 17Page - Linear Technology LTC2248 Datasheet HTML 18Page - Linear Technology LTC2248 Datasheet HTML 19Page - Linear Technology LTC2248 Datasheet HTML 20Page - Linear Technology LTC2248 Datasheet HTML 21Page - Linear Technology LTC2248 Datasheet HTML 22Page - Linear Technology LTC2248 Datasheet HTML 23Page - Linear Technology LTC2248 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LTC2248/LTC2247/LTC2246
23
224876fa
APPLICATIO S I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
5.00
± 0.10
(4 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE A JEDEC PACKAGE OUTLINE
M0-220 VARIATION WHHD-(X) (TO BE APPROVED)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE
DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT,
SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
± 0.10
0.23 TYP
(4 SIDES)
31
1
2
32
BOTTOM VIEW—EXPOSED PAD
3.45
± 0.10
(4-SIDES)
0.75
± 0.05
R = 0.115
TYP
0.25
± 0.05
(UH) QFN 0603
0.50 BSC
0.200 REF
0.00 – 0.05
0.70
±0.05
3.45
±0.05
(4 SIDES)
4.10
±0.05
5.50
±0.05
0.25
± 0.05
PACKAGE OUTLINE
0.50 BSC
RECOMMENDED SOLDER PAD LAYOUT
UH Package
32-Lead Plastic QFN (5mm
× 5mm)
(Reference LTC DWG # 05-08-1693)
PACKAGE DESCRIPTIO
Bottomside
Silkscreen Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com