Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2272 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2272
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2272 Datasheet HTML 10Page - Linear Technology LTC2272 Datasheet HTML 11Page - Linear Technology LTC2272 Datasheet HTML 12Page - Linear Technology LTC2272 Datasheet HTML 13Page - Linear Technology LTC2272 Datasheet HTML 14Page - Linear Technology LTC2272 Datasheet HTML 15Page - Linear Technology LTC2272 Datasheet HTML 16Page - Linear Technology LTC2272 Datasheet HTML 17Page - Linear Technology LTC2272 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
LTC2273/LTC2272
14
22732f
TYPICAL PERFORMANCE CHARACTERISTICS
CMLOUT Dual-Dirac BER
Bathtub Curve, 400Mbps
CMLOUT Dual-Dirac BER
Bathtub Curve, 1.3Gbps
CMLOUT Dual-Dirac BER
Bathtub Curve, 1.6Gbps
CMLOUT Eye Diagram 400Mbps
CMLOUT Eye Diagram 1.3Gbps
CMLOUT Eye Diagram 1.6Gbps
VDD = 3.3V, OVDD = 1.5V, TA = 25°C, unless
otherwise noted.
UNIT INTERVAL (UI)
0
0.8
0.4
22732
G51
1.0
0.6
0.2
1.0E–14
1.0E–12
1.0E
–10
1.0E–08
1.0E–06
1.0E–04
1.0E–02
1.0E+00
UNIT INTERVAL (UI)
0
0.8
0.4
22732
G52
1.0
0.6
0.2
1.0E–14
1.0E–12
1.0E
–10
1.0E–08
1.0E–06
1.0E–04
1.0E–02
1.0E+00
UNIT INTERVAL (UI)
0
0.8
0.4
22732
G53
1.0
0.6
0.2
1.0E–14
1.0E–12
1.0E
–10
1.0E–08
1.0E–06
1.0E–04
1.0E–02
1.0E+00
416.7ps/DIV
22732
G54
100mV/DIV
128.2ps/DIV
22732
G55
100mV/DIV
104.2ps/DIV
22732
G56
100mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com