Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2402 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2402
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2402 Datasheet HTML 24Page - Linear Technology LTC2402 Datasheet HTML 25Page - Linear Technology LTC2402 Datasheet HTML 26Page - Linear Technology LTC2402 Datasheet HTML 27Page - Linear Technology LTC2402 Datasheet HTML 28Page - Linear Technology LTC2402 Datasheet HTML 29Page - Linear Technology LTC2402 Datasheet HTML 30Page - Linear Technology LTC2402 Datasheet HTML 31Page - Linear Technology LTC2402 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC2401/LTC2402
24012f LT/LCG 1000 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2000
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Reference, 2.5V, 5V
3ppm/
°C Drift, 0.05% Max
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max, 5ppm/
°C Drift
LTC1391
8-Channel Multiplexer
Low RON: 45Ω, Low Charge Injection Serial Interface
LT1460
Micropower Series Reference
0.075% Max, 10ppm/
°C Max Drift, 2.5V, 5V and 10V Versions
LT1461-2.5
Precision Micropower Voltage Reference
50
µA Supply Current, 3ppm/°C Drift
LTC1535
Isolated RS485 Transceiver
2500VRMS Isolation
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADC
4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2410
24-Bit, Fully Differential, No Latency
∆Σ ADC in SSOP-16
0.16ppm Noise, 2ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2411
24-Bit, Fully Differential, No Latency
∆Σ ADC in MS10
0.29ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2413
24-Bit, No Latency
∆Σ ADC
Simultaneous 50Hz and 60Hz Rejection, 0.16ppm Noise
LTC2420
20-Bit, No Latency
∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2424/LTC2428
4-/8-Channel, 20-Bit, No Latency
∆Σ ADC
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2404/LTC2408
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO
Figure 35 shows the block diagram of a demo circuit
(contact LTC for a demonstration) of a multichannel
isolated temperature measurement system. This circuit
decodes an address to select which LTC2402 receives a
32-bit burst of SCK signal. All devices independently
convert either the thermal couple output or the thermistor
cold juntion output. After each conversion, the devices
enter their sleep state and wait for the SCK signal before
clocking out data and beginning the next conversion.
VCC
FSSET
CH1
SDO
SCK
CH0
ZSSET
LTC2402
A
Y
D1
RE
R0
LTC1535
VCC
FSSET
CH1
SDO
SCK
CH0
2500V
ZSSET
LTC2402
A
Y
D1
RE
R0
LTC1535
VCC
FSSET
CH1
SDO
SCK
24012 F35
CH0
ZSSET
LTC2402
A
Y
D1
HC138
HC595
ADDRESS
LATCH
RE
R0
LTC1535
SEE FIGURE 34 FOR
THE COMPLETE CIRCUIT
HC138
SCK
SD0
DIN
(ADDRESS
OR COUNTER)
+
–
Figure 35. Mulitchannel Isolated Temperature Measurement System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com