Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP1856ST1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP1856ST1
Description  Photo Modules for PCM Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1856ST1 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP1856ST1 Datasheet HTML 1Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 2Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 3Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 4Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 5Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSOP18..ST1
Vishay Telefunken
Rev. 1, 08-Mar-00
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 82106
2 (6)
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Supply Voltage
(Pin 3)
VS
–0.3...6.0
V
Supply Current
(Pin 3)
IS
5
mA
Output Voltage
(Pin 1)
VO
–0.3...6.0
V
Output Current
(Pin 1)
IO
5
mA
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
–25...+85
°C
Operating Temperature Range
Tamb
–25...+85
°C
Power Consumption
(Tamb x 85 °C)
Ptot
50
mW
Soldering Temperature
t
x 10 s, 1 mm from case
Tsd
260
°C
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Current (Pin 3)
VS = 5 V, Ev = 0
ISD
0.9
1.2
1.5
mA
y(
)
VS = 5 V, Ev = 40 klx, sunlight
ISH
1.3
mA
Supply Voltage (Pin 3)
VS
4.5
5.5
V
Transmission Distance
Ev = 0, test signal see fig.6, IR diode
TSAL6200, IF = 300 mA
d
35
m
Output Voltage Low (Pin 1)
IOSL = 0.5 mA,Ee = 0.7 mW/m2, f = fo
VOSL
250
mV
Irradiance (30 – 40 kHz)
Pulse width tolerance: tpi – 4/fo < tpo <
tpi + 6/fo, test signal see fig.6
Ee min
0.3
0.5
mW/m2
Irradiance (56 kHz)
Pulse width tolerance: tpi – 4/fo < tpo <
tpi + 6/fo, test signal see fig.6
Ee min
0.4
0.7
mW/m2
Irradiance
Ee max
30
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
±45
deg
Application Circuit
16179
TSAL62..
TSOP18..ST1
3
1
2
4.7
mF *)
mC
>10 k
W
optional
100
W *)
+ 5 V **)
*) recommended to suppress power supply disturbances
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com