Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP1856ST1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP1856ST1
Description  Photo Modules for PCM Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1856ST1 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP1856ST1 Datasheet HTML 1Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 2Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 3Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 4Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 5Page - Vishay Siliconix TSOP1856ST1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSOP18..ST1
Vishay Telefunken
Rev. 1, 08-Mar-00
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 82106
4 (6)
0.4
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.1
1.0
10.0
100.0 1000.0 10000.0100000.0
Ee – Irradiance (mW/m2)
16163
Ton
optical test signal, fig.6
Toff
Figure 7. Output Pulse Diagram
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–30 –15
0
15
30
45
60
75
90
Tamb – Ambient Temperature ( °C )
14315
Vs = 5 V
Figure 8. Supply Current vs. Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–30 –15
0
15
30
45
60
75
90
Tamb – Ambient Temperature ( °C )
96 12221
Sensitivity in dark ambient
Figure 9. Sensitivity vs. Ambient Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
VS – Supply Voltage ( V )
14317
Supply current in dark ambient
Figure 10. Supply Current vs. Supply Voltage
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 11. Relative Spectral Sensitivity vs. Wavelength
96 12223p2
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7
drel – Relative Transmission Distance
Figure 12. Directivity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com