Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2483CDD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2483CDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483CDD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2483CDD Datasheet HTML 3Page - Linear Technology LTC2483CDD Datasheet HTML 4Page - Linear Technology LTC2483CDD Datasheet HTML 5Page - Linear Technology LTC2483CDD Datasheet HTML 6Page - Linear Technology LTC2483CDD Datasheet HTML 7Page - Linear Technology LTC2483CDD Datasheet HTML 8Page - Linear Technology LTC2483CDD Datasheet HTML 9Page - Linear Technology LTC2483CDD Datasheet HTML 10Page - Linear Technology LTC2483CDD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC2483
2483f
TEMPERATURE (
°C)
–45
–0.3
–0.2
0
0.1
0.2
–15
15
30
90
2483 G16
–0.1
–30
0
45
60
75
0.3
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
VCC (V)
2.7
0.1
0.2
0.3
3.9
4.7
2483 G17
0
–0.1
3.1
3.5
4.3
5.1
5.5
–0.2
–0.3
REF+ = 2.5V
REF– = GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
123
4
2483.G18
5
VCC = 5V
REF– = GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
RMS Noise
vs Input Differential Voltage
RMS Noise vs VIN(CM)
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VIN(CM)
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF
INPUT DIFFERENTIAL VOLTAGE (V)
0.4
0.6
0.8
1.0
0.5
0.7
0.9
–1.5
–0.5
0.5
1.5
2483 G10
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
VIN(CM) (V)
–1
0.8
0.9
1.0
24
2483 G11
0.7
0.6
01
35
6
0.5
0.4
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
TEMPERATURE (
°C)
–45
0.4
0.5
0.6
0.7
0.8
1.0
–30 –15
15
030
45
60
2483 G12
75
90
0.9
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
VCC (V)
2.7
0.8
0.9
1.0
3.9
4.7
2483 G13
0.7
0.6
3.1
3.5
4.3
5.1
5.5
0.5
0.4
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
VREF (V)
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
123
4
2483 G14
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
VIN(CM) (V)
–1
0.1
0.2
0.3
24
2483 G15
0
–0.1
01
35
6
–0.2
–0.3
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com