Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2483CDD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2483CDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483CDD Datasheet(HTML) 1 Page - Linear Technology

  LTC2483CDD Datasheet HTML 1Page - Linear Technology LTC2483CDD Datasheet HTML 2Page - Linear Technology LTC2483CDD Datasheet HTML 3Page - Linear Technology LTC2483CDD Datasheet HTML 4Page - Linear Technology LTC2483CDD Datasheet HTML 5Page - Linear Technology LTC2483CDD Datasheet HTML 6Page - Linear Technology LTC2483CDD Datasheet HTML 7Page - Linear Technology LTC2483CDD Datasheet HTML 8Page - Linear Technology LTC2483CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC2483
2483f
RSOURCE (Ω)
1
–20
0
20
1k
100k
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CIN = 1µF
2483 TA02
■
Direct Sensor Digitizer
■ Weight Scales
■ Direct Temperature Measurement
■
Strain Gauge Transducers
■ Instrumentation
■ Industrial Process Control
■
DVMs and Meters
16-Bit
∆Σ ADC with Easy Drive
Input Current Cancellation and I2C Interface
■
Easy Drive Technology Enables Rail-to-Rail Inputs
with Zero Differential Input Current
■ Directly Digitizes High Impedance Sensors with
Full Accuracy
■ 600nV RMS Noise, Independent of VREF
■ GND to VCC Input/Reference Common Mode Range
■
2-Wire I2C Interface
■ Simultaneous 50Hz/60Hz Rejection
■ 2ppm (0.25LSB) INL, No Missing Codes
■
1ppm Offset and 15ppm Full-Scale Error
■ No Latency: Digital Filter Settles in a Single Cycle
■ Single Supply 2.7V to 5.5V Operation
■
Internal Oscillator
■ Six Addresses Available and One Global Address for
Synchronization
■
Available in a Tiny (3mm
× 3mm) 10-Lead
DFN Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®2483combinesa16-bitplussignNoLatency
∆ΣTM
analog-to-digital converter with patented Easy Drive
TM tech-
nology and I2C digital interface. The patented sampling
scheme eliminates dynamic input current errors and the
shortcomings of on-chip buffering through automatic
cancellation of differential input current. This allows large
external source impedances and input signals, with rail-to-
rail input range to be directly digitized while maintaining
exceptional DC accuracy.
The LTC2483 allows a wide common mode input range
(0V to VCC) independent of the reference voltage. The
reference can be as low as 100mV or can be tied directly
to VCC. The noise level is 600nV RMS independent of VREF.
This allows direct digitization of low level signals with 16-
bit accuracy. The LTC2483 includes an on-chip trimmed
oscillator, eliminating the need for external crystals or
oscillators and provides 87dB rejection of 50Hz and 60Hz
line frequency noise. Absolute accuracy and low drift are
automatically maintained through continuous, transpar-
ent, offset and full-scale calibration.
+FS Error vs RSOURCE at IN
+ and IN–
LTC2483
VIN
+
REF+
VCC
VCC
GND
VIN
–
1
µF
SDA
2-WIRE
I2C INTERFACE
1
µF
10k
IDIFF = 0
10k
CA0/F0
2483 TA01
CA1
SCL
6 ADDRESSES
REF–
SENSE
, LTC and LT are registered trademarks of Linear Technology Corporation.
No Latency
∆Σ and Easy Drive are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Patent Pending.


Similar Part No. - LTC2483CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2483 LINER-LTC2483 Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2483 LINER-LTC2483 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2483 LINER-LTC2483 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2483CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com