Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2485CDD Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 26Page - Linear Technology LTC2485CDD Datasheet HTML 27Page - Linear Technology LTC2485CDD Datasheet HTML 28Page - Linear Technology LTC2485CDD Datasheet HTML 29Page - Linear Technology LTC2485CDD Datasheet HTML 30Page - Linear Technology LTC2485CDD Datasheet HTML 31Page - Linear Technology LTC2485CDD Datasheet HTML 32Page - Linear Technology LTC2485CDD Datasheet HTML 33Page - Linear Technology LTC2485CDD Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
LTC2485
2485fa
The user can expect to achieve this level of performance
using the internal oscillator as it is demonstrated by
Figures 35, 36 and 37. Typical measured values of the
normal mode rejection of the LTC2485 operating with an
internal oscillator and a 60Hz notch setting are shown in
Figure 35 superimposed over the theoretical calculated
curve. Similarly, the measured normal mode rejection of
the LTC2485 for the 50Hz rejection mode and 50Hz/60Hz
rejection mode are shown in Figures 36 and 37.
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2485. If passive RC components are placed in
front of the LTC2485, the input dynamic current should be
considered (see Input Current section). In this case, the
differential input current cancellation feature of the LTC2485
allows external RC networks without significant degrada-
tion in DC performance.
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from
potential instabilities at large input signal levels. The pro-
prietary architecture used for the LTC2485 third order
modulator resolves this problem and guarantees a predict-
able stable behavior at input signal levels of up to 150% of
full scale. In many industrial applications, it is not uncom-
mon to have to measure microvolt level signals superim-
posed on volt level perturbations and the LTC2485 is
eminently suited for such tasks. When the perturbation is
differential, the specification of interest is the normal mode
rejection for large input signal levels. With a reference
voltage VREF = 5V, the LTC2485 has a full-scale differential
input range of 5V peak-to-peak. Figures 38 and 39 show
measurement results for the LTC2485 normal mode rejec-
tion ratio with a 7.5V peak-to-peak (150% of full scale)
input signal superimposed over the more traditional nor-
mal mode rejection ratio results obtained with a 5V peak-
to-peak (full scale) input signal. In Figure 38, the LTC2485
uses the internal oscillator with the notch set at 60Hz and
in Figure 39 it uses the internal oscillator with the notch set
at 50Hz. It is clear that the LTC2485 rejection performance
is maintained with no compromises in this extreme situa-
tion. When operating with large input signal levels, the user
must observe that such signals do not violate the device
absolute maximum ratings.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com