Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2850CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2850CS8
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2850CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2850CS8 Datasheet HTML 6Page - Linear Technology LTC2850CS8 Datasheet HTML 7Page - Linear Technology LTC2850CS8 Datasheet HTML 8Page - Linear Technology LTC2850CS8 Datasheet HTML 9Page - Linear Technology LTC2850CS8 Datasheet HTML 10Page - Linear Technology LTC2850CS8 Datasheet HTML 11Page - Linear Technology LTC2850CS8 Datasheet HTML 12Page - Linear Technology LTC2850CS8 Datasheet HTML 13Page - Linear Technology LTC2850CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2850/LTC2851/LTC2852
10
285012fc
BLOCK DIAGRAM
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RO
RE
DE
DI
A
(15kV)
VCC
GND
B
(15kV)
285012 BDa
RECEIVER
DRIVER
RO
DI
285012 BDb
A
(15kV)
Z
(15kV)
Y
(15kV)
B
(15kV)
VCC
GND
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RO
RE
DE
DI
285012 BDc
A
(15kV)
Z
(15kV)
Y
(15kV)
B
(15kV)
VCC
GND
LTC2850
LTC2851
LTC2852
APPLICATIONS INFORMATION
Driver
The driver provides full RS485/RS422 compatibility. When
enabled, if DI is high, Y-Z is positive for the full-duplex
devices (LTC2851, LTC2852) and A-B is positive for the
half-duplex device (LTC2850).
When the driver is disabled, both outputs are high-im-
pedance. For the full-duplex devices, the leakage on the
driver output pins is guaranteed to be less than 10μA
over the entire common mode range of –7V to 12V. On
the half-duplex LTC2850, the impedance is dominated by
the receiver input resistance, RIN.
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short-circuits to
any voltage within the Absolute Maximum range of (VCC
– 15V) to 15V. The typical peak current in this condition
does not exceed 180mA.
If a high driver output is shorted to a voltage just above
VCC, a reverse current will flow into the supply. When this
voltage exceeds VCCbyabout1.4V,thereversecurrentturns
off. Preventing the driver from turning off with outputs
shorted to output voltages just above VCC keeps the driver
active even for receiver loads that have a positive common
mode with respect to the driver – a valid condition.
The worst-case peak reverse short-circuit current can be as
high as 300mA in extreme cold conditions. If this current
can not be absorbed by the supply, a 3.6V zener diode can
be added in parallel with the supply to sink this current.
All devices also feature thermal shutdown protection that
disables the driver and receiver in case of excessive power
dissipation (see Note 4).
Receiver and Failsafe
With the receiver enabled, when the absolute value of the
differential voltage between the A and B pins is greater than
200mV, the state of RO will reflect the polarity of (A-B).
These parts have a failsafe feature that guarantees the
receiver output to be in a logic-high state when the inputs
are either shorted, left open, or terminated but not driven.
This failsafe feature is guaranteed to work for inputs span-
ning the entire common mode range of –7V to 12V.
The receiver output is internally driven high (to VCC) or
low (to ground) with no external pull-up needed. When the
receiver is disabled the RO pin becomes High-Z with leakage
of less than ±1μA for voltages within the supply range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com