Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2850CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2850CS8
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2850CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2850CS8 Datasheet HTML 8Page - Linear Technology LTC2850CS8 Datasheet HTML 9Page - Linear Technology LTC2850CS8 Datasheet HTML 10Page - Linear Technology LTC2850CS8 Datasheet HTML 11Page - Linear Technology LTC2850CS8 Datasheet HTML 12Page - Linear Technology LTC2850CS8 Datasheet HTML 13Page - Linear Technology LTC2850CS8 Datasheet HTML 14Page - Linear Technology LTC2850CS8 Datasheet HTML 15Page - Linear Technology LTC2850CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC2850/LTC2851/LTC2852
16
285012fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0308 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC485
Low Power RS485 Interface Transceiver
ICC = 300μA (Typ)
LTC491
Differential Driver and Receiver Pair
ICC = 300μA
LTC1480
3.3V Ultralow Power RS485 Transceiver
3.3V Operation
LTC1483
Ultralow Power RS485 Low EMI Transceiver
Controlled Driver Slew Rate
LTC1485
Differential Bus Transceiver
10Mbps Operation
LTC1487
Ultralow Power RS485 with Low EMI, Shutdown and High Input
Impedance
Up to 256 Transceiver on the Bus
LTC1520
50Mbps Precision Quad Line Receiver
Channel-to-Channel Skew 400ps (Typ)
LTC1535
Isolated RS485 Full-Duplex Transceiver
2500VRMS Isolation in Surface Mount Package
LTC1685
52Mbps RS485 Transceiver with Precision Delay
Propagation Delay Skew 500ps (Typ)
LT1785
60V Fault Protected RS485 Transceiver
60V Tolerant, 15kV ESD
LTC2854/LTC2855
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable
Termination
3.3V Operation, Integrated, Switchable, 120
Ω Termination
Resistor, 25kV ESD (LTC2854), 15kV ESD (LTC2855)
LTC2856-1
20Mbps and Slew Rate-Limited, 15kV RS485/RS422 Transceiver
15kV ESD
LTC2859/LTC2861
20Mbps RS485/RS422 Transceiver with Integrated Switchable
Termination
Integrated, Switchable, 120
Ω Termination Resistor, 15kV ESD
Full Duplex Network Using the LTC2852 and LTC2855
D
TE = 3.3V
120Ω
R
LTC2855
MASTER
R
D
LTC2852
SLAVE
TE = 3.3V
285012 TA04
D
R
LTC2855
SLAVE
R
D
LTC2852
SLAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com