Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTP3156 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GPTP3156
Description  PHASE CONTROLLED SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTP3156 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GPTP3156 Datasheet HTML 1Page - Green Power Solutions srl GPTP3156 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPTP3156
PHASE CONTROLLED SCR
High reliability operation
DC power supply
AC drives
VOLTAGE UP TO
2800 V
AVERAGE CURRENT
1565 A
SURGE CURRENT
29 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
(*)
2800 V
VRSM
Non-repetitive peak reverse voltage
(*)
2800 V
VDRM
Repetitive peak off-state voltage
2900 V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
75 mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
75 mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
1565 A
IT(RMS)
R:M:S on-state current
Sine wave,180° conduction, Th = 55 °C
2457 A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
29 kA
I²t
I² t for fusing coordination
4205 kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
1,036 V
rT
On-state slope resistance
Tj = Tjmax
0,283 m
Ω
VTM
Peak on-state voltage, max
On-state current IT = 2000 A , Tj = 25 °C
1,60 V
IH
Holding current, typ
Tj = 25 °C
300 mA
IL
Latching current, typ
Tj = 25 °C
700 mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3,0 V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
250 mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0,25 V
PGM
Peak gate power dissipation
Pulse width 100 µs
150 W
PG(AV)
Average gate power dissipation
2W
IFGM
Peak gate current
10 A
VFGM
Peak gate voltage (forward)
10 V
VRGM
Peak gate voltage (reverse)
12 V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200 A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000 V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 1000 A, di/dt = -20 A/µs
µs
VR = 50 V, VD = 67% VDRM, dV/dt = 20 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0,015 °C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0,006 °C/W
Tjmax
Max operating junction temperature
125 °C
Tstg
Storage temperature
-40 / 125 °C
F
Clamping force ± 10%
22 kN
Mass
520 g
Document GPTP3156T001
(*) higher blocking voltage available on request: contact factory
Value
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Similar Part No. - GPTP3156

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPTP3156 GPSEMI-GPTP3156_17 Datasheet
334Kb / 2P
PHASE CONTROLLED SCR
More results

Similar Description - GPTP3156

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GETG0105 GPSEMI-GETG0105 Datasheet
114Kb / 2P
PHASE CONTROLLED SCR
GETG0130 GPSEMI-GETG0130 Datasheet
115Kb / 2P
PHASE CONTROLLED SCR
GETG2043 GPSEMI-GETG2043 Datasheet
116Kb / 2P
PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
PHASE CONTROLLED SCR
GPTK1155 GPSEMI-GPTK1155 Datasheet
124Kb / 2P
PHASE CONTROLLED SCR
GPTN2115 GPSEMI-GPTN2115 Datasheet
301Kb / 2P
PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
PHASE CONTROLLED SCR
GPTP2190 GPSEMI-GPTP2190 Datasheet
122Kb / 2P
PHASE CONTROLLED SCR
GPTP3180 GPSEMI-GPTP3180 Datasheet
121Kb / 2P
PHASE CONTROLLED SCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com