Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3552 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3552 Datasheet HTML 10Page - Linear Technology LTC3552 Datasheet HTML 11Page - Linear Technology LTC3552 Datasheet HTML 12Page - Linear Technology LTC3552 Datasheet HTML 13Page - Linear Technology LTC3552 Datasheet HTML 14Page - Linear Technology LTC3552 Datasheet HTML 15Page - Linear Technology LTC3552 Datasheet HTML 16Page - Linear Technology LTC3552 Datasheet HTML 17Page - Linear Technology LTC3552 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC3552
14
3552f
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation be-
gins when the peak inductor current falls below a level
set by the burst clamp. Lower inductor values result in
higher ripple current which causes this to occur at lower
load currents. This causes a dip in efficiency in the upper
range of low current operation. In Burst Mode operation,
lower inductance values will cause the burst frequency
to increase.
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an induc-
tor. Toroid or shielded pot cores in ferrite or permalloy
materials are small and do not radiate much energy, but
generally cost more than powdered iron core inductors
with similar electrical characteristics. The choice of which
style inductor to use often depends more on the price vs
size requirements and any radiated field/EMI requirements
than on what the LTC3552 requires to operate. Table 1
shows some typical surface mount inductors that work
well in LTC3552 applications.
Table 1. Representative Surface Mount Inductors
PART
NUMBER
VALUE
(µH)
DCR
(Ω MAX)
MAX DC
CURRENT (A)
SIZE
W × L × H (mm)
Sumida
CDRH3D16
2.2
3.3
4.7
0.075
0.110
0.162
1.20
1.10
0.90
3.8 × 3.8 × 1.8
Sumida
CDRH2D11
1.5
2.2
0.068
0.170
0.900
0.780
3.2 × 3.2 × 1.2
Sumida
CMD4D11
2.2
3.3
0.116
0.174
0.950
0.770
4.4 × 5.8 × 1.2
Murata
LQH32CN
1.0
2.2
0.060
0.097
1.00
0.79
2.5 × 3.2 × 2.0
Toko
D312F
2.2
3.3
0.060
0.260
1.08
0.92
2.5 × 3.2 × 2.0
Murata
ELT5KT
3.3
4.7
0.17
0.20
1.00
0.95
4.5 × 5.4 × 1.2
When charging, transient loads on the BAT pin can cause
the ITERM pin to fall below 100mV for short periods of
time before the DC charge current has dropped to 10%
of the programmed value. The 1ms filter time (tTERM) on
the termination comparator ensures that transient loads
of this nature do not result in premature charge cycle
termination. Once the average charge current drops be-
low the programmed termination threshold, the charger
terminates the charge cycle and stops providing current
out of the BAT pin. In this state, any load on the BAT pin
must be supplied by the battery.
The charger constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.1V re-
charge threshold (VRECHRG), another charge cycle begins
and charge current is once again supplied to the battery.
To manually restart a charge cycle when in standby mode,
the input voltage must be removed and reapplied, or the
charger must be shut down and restarted using the
⎯E⎯N pin.
Switching Regulator Inductor Selection
The inductor value has a direct effect on inductor ripple
current ΔIL, which decreases with higher inductance and
increases with higher VCC or VOUT:
∆=
−
⎛
⎝⎜
⎞
⎠⎟
I
V
fL
V
V
L
OUT
O
OUT
CC
•
1
Accepting larger values of ΔIL allows the use of low
inductances, but results in higher output ripple voltage,
greater core losses, and lower output current capability.
A reasonable starting point for setting ripple current is
ΔIL = 0.3 • IOUT(MAX),
where IOUT(MAX) is 800mA for regulator 1 and 400mA for
regulator 2. The largest ripple current ΔIL occurs at the
maximum input voltage. To guarantee that the ripple cur-
rent stays below a specified maximum, the inductor value
should be chosen according to the following equation:
L
V
fI
V
V
OUT
OL
OUT
CC MAX
=−
⎛
⎝
⎜
⎞
⎠
⎟
•
()
∆
1
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com