Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3552 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3552 Datasheet HTML 16Page - Linear Technology LTC3552 Datasheet HTML 17Page - Linear Technology LTC3552 Datasheet HTML 18Page - Linear Technology LTC3552 Datasheet HTML 19Page - Linear Technology LTC3552 Datasheet HTML 20Page - Linear Technology LTC3552 Datasheet HTML 21Page - Linear Technology LTC3552 Datasheet HTML 22Page - Linear Technology LTC3552 Datasheet HTML 23Page - Linear Technology LTC3552 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3552
21
3552f
Figure 6. Suggested Layout
Figure 5. Layout Diagram
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3552. These items are also illustrated graphically
in the layout diagram of Figure 5. Check the following in
your layout:
1. Does the capacitor CS connect to the power VCC and GND
(exposed pad) as closely as possible? This capacitor
provides the AC current to the internal power MOSFETs
and their drivers.
2. The feedback signals VFB should be routed away from
noisy components and traces, such as the SW line, and
its trace should be minimized.
3. Are the COUT and L1 closely connected? The (–)
plate of COUT returns current to GND and the (–) plate
of CS.
4. Keep sensitive components away from the SW pins.
The input capacitor CS should be routed away from the
SW traces and the inductors.
5. A ground plane is preferred, but if not available, keep
the signal and power grounds segregated with small
signal components returning to the GND pin at one
point and should not share the high current path of
CS or COUT.
6. Flood all unused areas on all layers with copper. Flooding
with copper will reduce the temperature rise of power
components. These copper areas should be connected
to VCC or GND.
APPLICATIO S I FOR ATIO
VIN
VCC
VIN
VOUT2
VOUT1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3552
CIN
C4
C5
L1
L2
R4
R2
R1
R3
COUT2
COUT1
3552 F05
BOLD LINES INDICATE HIGH CURRENT PATHS
CS
VOUT2
VOUT1
VIN
GND
3552 F06
C4
R2
R1
COUT1
C5
R4
R3
GND
VIA TO VFB2
VIA TO VFB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com