Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3561A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3561A
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561A Datasheet(HTML) 1 Page - Linear Technology

  LTC3561A Datasheet HTML 1Page - Linear Technology LTC3561A Datasheet HTML 2Page - Linear Technology LTC3561A Datasheet HTML 3Page - Linear Technology LTC3561A Datasheet HTML 4Page - Linear Technology LTC3561A Datasheet HTML 5Page - Linear Technology LTC3561A Datasheet HTML 6Page - Linear Technology LTC3561A Datasheet HTML 7Page - Linear Technology LTC3561A Datasheet HTML 8Page - Linear Technology LTC3561A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3561A
1
3561af
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1A, 4MHz, Synchronous
Step-Down DC/DC Converter
The LTC
®3561A is a constant frequency, synchronous
step-down DC/DC converter. Intended for medium power
applications, it operates from a 2.5V to 5.5V input voltage
range and has a user configurable operating frequency up
to 4MHz, allowing the use of tiny, low cost capacitors and
inductors 1mm or less in height. The output voltage is
adjustable from 0.8V to 5.5V. Internal synchronous power
switches provide high efficiency. The LTC3561A’s current
mode architecture and external compensation allow the
transient response to be optimized over a wide range of
loads and output capacitors.
To further maximize battery life, the P-channel MOSFET
is turned on continuously in dropout (100% duty cycle).
In shutdown, the device draws <1μA.
Step-Down 2.5V/1A Regulator
■
Uses Tiny Capacitors and Inductor
■
High Frequency Operation: Up to 4MHz
■
Low RDS(ON) Internal Switches: 0.15Ω
■
High Efficiency: Up to 96%
■
Stable with Ceramic Capacitors
■
Current Mode Operation for Excellent Line
and Load Transient Response
■
Short-Circuit Protected
■
Low Dropout Operation: 100% Duty Cycle
■
Low Shutdown Current: IQ ≤ 1μA
■
Low Quiescent Current: 330μA
■
Output Voltages from 0.8V to 5V
■
VIN: 2.5V to 5.5V
■
Small 8-Lead 3mm
× 3mm DFN Package
■
Notebook Computers
■
Digital Cameras
■
Cellular Phones
■
Handheld Instruments
■
Board Mounted Power Supplies
Efficiency and Power Loss vs Output Current
, LT, LTC and LTM are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6580258, 6498466, 6611131.
OUTPUT CURRENT (mA)
110
0
40
30
100
1
0.1
0.01
0.001
0.0001
1000
100
10000
3561A TA01b
20
10
60
50
80
70
90
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 2.5V
fO = 1MHz
LTC3561A
PVIN
SW
SVIN
ITH
SHDN/RT
PGND
SGND
VFB
2.2μH
VOUT
2.5V
1A
VIN
2.5V TO 5.5V
249k
22pF
118k
680pF
3561a TA01a
22μF
16.9k
10μF
549k


Similar Part No. - LTC3561A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3561A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com