Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3561A Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3561A
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561A Datasheet(HTML) 2 Page - Linear Technology

  LTC3561A Datasheet HTML 1Page - Linear Technology LTC3561A Datasheet HTML 2Page - Linear Technology LTC3561A Datasheet HTML 3Page - Linear Technology LTC3561A Datasheet HTML 4Page - Linear Technology LTC3561A Datasheet HTML 5Page - Linear Technology LTC3561A Datasheet HTML 6Page - Linear Technology LTC3561A Datasheet HTML 7Page - Linear Technology LTC3561A Datasheet HTML 8Page - Linear Technology LTC3561A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3561A
2
3561af
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
PVIN, SVIN Voltages ..................................... –0.3V to 6V
VFB, ITH, SHDN/RT Voltages ..........–0.3V to (VIN + 0.3V)
SW Voltage ..................................–0.3V to (VIN + 0.3V)
Operating Junction Temperature Range
(Notes 2, 5, 8)........................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
2.5
5.5
V
IFB
Feedback Pin Input Current
(Note 3)
±0.1
μA
VFB
Feedback Voltage
(Note 3)
●
0.784
0.8
0.816
V
ΔVLINEREG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V
0.04
0.2
%/V
ΔVLOADREG
Output Voltage Load Regulation
ITH = 0.55V to 0.9V
●
0.02
0.2
%
gm(EA)
Error Amplifier Transconductance
ITH Pin Load = ±5μA (Note 3)
300
μS
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, RT = 125k unless otherwise specified. (Note 2)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3561AEDD#PBF
LTC3561AEDD#TRPBF
LDKB
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3561AIDD#PBF
LTC3561AIDD#TRPBF
LDKB
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
SHDN/RT
SGND
SW
PGND
ITH
VFB
SVIN
PVIN
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS SGND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com