Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHL1ECTTP2N2 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # MHL1ECTTP2N2
Description  Multilayer Ceramic Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1ECTTP2N2 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  MHL1ECTTP2N2 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS-222 R12
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spe ci fi c at io ns gi ven her ei n m ay be chan ged at an y ti m e w i th out pr i or not i ce. P le ase co nfi r m t ech ni cal spec i fi c ati on s befor e y ou or de r and/ or us e.
4. Standard Applications (continued)
PAGE 3 OF 6
Part
Designation
Inductance
L (nH)
Inductance
Tolerance
DC
Resistance
Maximum
()
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Typical
(MHz)
47
J: ±5%
8
15
13
39
900
700
600
500
400
0.70
0.75
300
0.80
0.85
0.90
1.0
1.2
1.3
1.5
37
36
16
17
56
68
82
100
120
150
180
220
Operating
Temperature
Range
MHL1JCTTD47N*
MHL1JCTTD56N*
MHL1JCTTD68N*
MHL1JCTTD82N*
MHL1JCTTDR10*
MHL1JCTTDR12*
MHL1JCTTDR15*
MHL1JCTTDR18*
MHL1JCTTDR22*
-55°C
to
+125°C
Minimum
(100MHz)
Typical
(800MHz)
Typical
(100MHz)
Q
39
MHL1JTTTD39N*
*Add tolerance character (S, J)
46
39
12
MHL1JCTTD39N*
0.65
1100
15
29
—
500
400
SS-222 R12
12/6/06
10:36 AM
Page 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com