Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHL1ECTTP2N2 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MHL1ECTTP2N2
Description  Multilayer Ceramic Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1ECTTP2N2 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MHL1ECTTP2N2 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS-222 R12
AHA 12/06/06
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spec i fi c ati on s gi ven her ei n m ay be c hang ed at an y ti m e w i tho ut pr i or not i ce. Pl ea se co nfi r m t echn ic al spec i fi c ati ons b efor e yo u or de r and/ or us e.
PAGE 1 OF 6
Multilayer Ceramic Inductors
Type MHL
■
Monolithic structure provides high reliability in a wide temperature and humidity range
■
High quality ceramic material and unique manufacturing process provides high Q at high frequency
■
Standard EIA packages: 1E, 1J
■
Nickel barrier with solder overcoat for excellent solderability
■
Marking:
Brown body color with no marking (1E)
White body color with with black stripe and no marking (1J)
2. Dimensions
1. General
3. Type Designation
The type designation shall be in the following form:
W
L
d
t
d
Terminations
(Metallization
Bands)
Electrodes
Ni
Plating
Silver
Metallization
Solder
Plating
L
.039±.004
(1.0±0.1)
.02±.004
(0.5±0.1)
.01±.004
(0.25±0.1)
.02±.004
(0.5±0.1)
W
t
d
Dimensions inches (mm)
1E
(0402)
.063±.006
(1.6±0.15)
.031±.006
(0.8±0.15)
.012±.008
(0.30±0.2)
.031±.006
(0.8±0.15)
1J
(0603)
Size
Code
Size
Tolerance
Nominal
Inductance
1E
1J
S: ±0.3nH
J: ±5%
3N9 = 3.9nH
R10 = 100nH
1E
S
3N9
Packaging
TP: 7" paper tape 2mm pitch
(1E only - 10,000 pcs/reel)
TD: 7" paper tape
(1J - 4,000 pcs/reel
TE
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
MHL
Type
Material
Permeability
Code:
C
T
C
CERTIFIED
CERTIFIED
SS-222 R12
12/6/06
10:36 AM
Page 1


Similar Part No. - MHL1ECTTP2N2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1ECTTP2N2 KOA-MHL1ECTTP2N2 Datasheet
120Kb / 3P
multilayer ceramic inductor
More results

Similar Description - MHL1ECTTP2N2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
Multilayer Chip Ceramic Inductors
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
Multilayer Chip Ceramic Inductors
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
Multilayer Chip Ceramic Inductors
logo
Token Electronics Indus...
TRMF100505 TOKEN-TRMF100505 Datasheet
725Kb / 13P
TRMF Multilayer Ceramic Inductors
logo
Abracon Corporation
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com