Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16705FN Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SM16705FN
Description  8-BIT CONSTANT CURRENT LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705FN Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SM16705FN Datasheet HTML 1Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 2Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BLOCK DIAGRAM
TIMING DIAGRAM
Note : Latches are level sensitive, not rising edges sensitive and not synchronous CLOCK.
Input of LATCH-terminal to H Level, data passes latches, and input of LATCH -terminal to L level, data
hold latches.
Input of ENABLE-terminal to H Level, all output (OUT0 ~ 7) do off.
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
V.2.10
Page 5
R-EXT
ENABLE
LATCH
SERIAL-IN
CLOCK
SERIAL-
OUT
I-REG.
OUT0
OUT1
OUT7
Q
ST D
Q
ST D
Q
ST D
D Q
CK
D Q
CK
D Q
CK
CLOCK
SERIAL-IN
LATCH
ENABLE
OUT0
OUT1
OUT2
OUT7
SERIAL-OUT
0V
5V
0V
0V
5V
0V
5V
Off
On
Off
5V
Off
Off
On
0V
5V
On
On
D Q
CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com