Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16705FN Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM16705FN
Description  8-BIT CONSTANT CURRENT LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705FN Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button SM16705FN Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 12Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SWITCHING CHARACTERISTICS (Ta = 25 oC unless otherwise noted)
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
Page 8
V.2.10
Characteristic
Propagation
Delay Time
("L" to "H")
Propagation
Delay Time
("H" to "L")
Symbol
tpLH
tpHL
Unit
ns
ns
Min.
Typ.
Max.
-
180
360
-
25
40
-
-
180
180
360
360
-
130
360
-
22
40
-
-
130
130
360
360
Condition
VDD = 5.0V
REXT = 470Ω
VL = 3.0V
RL = 62Ω
CL = 10 pF
Output Rise Time
Output Fall Time
tor
tof
ns
100
100
130
130
400
400
SERIAL-IN-OUTn
LATCH-OUTn
SERIAL-IN-OUTn
LATCH-OUTn
ENABLE-OUTn
CLOCK
-SERIAL-OUT
ENABLE-OUTn
CLOCK
-SERIAL-OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com