Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8458 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM8458
Description  Dual Enhancement Mode Field Effect Transistor ( N and P Channel )
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8458 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM8458 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8458 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8458 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8458 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8458 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8458 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8458 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8458 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8458 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STM8458
www.samhop.com.tw
Jun,12,2008
5
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
56
42
0
2
4
6
8
10
0
ID=6.3A
28
14
84
70
125 C
25 C
75 C
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
C is s
C os s
C rs s
10
8
6
4
2
0
0
2
4
6
8
10
12
14 16
V DS =20V
ID=6.3A
100
10
1
1
6 10
60 100
60
600
300
200
V DS =20V ,ID=6.3A
V G S =10V
T D(on)
T r
T D(off)
T f
Ver 1.0
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
0.1
1
10
100
V GS =10V
S ingle P uls e
T c=25 C
DC
1m
s
10
m
s
0.1
0.05
1
10
R
DS
(O
N)
Li
m
it
10
0u
s
10
us
125 C
0.1
75 C
25 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com