Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3824 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3824
Description  High Voltage Step-Down Controller With 40關A Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3824 Datasheet(HTML) 2 Page - Linear Technology

  LTC3824 Datasheet HTML 1Page - Linear Technology LTC3824 Datasheet HTML 2Page - Linear Technology LTC3824 Datasheet HTML 3Page - Linear Technology LTC3824 Datasheet HTML 4Page - Linear Technology LTC3824 Datasheet HTML 5Page - Linear Technology LTC3824 Datasheet HTML 6Page - Linear Technology LTC3824 Datasheet HTML 7Page - Linear Technology LTC3824 Datasheet HTML 8Page - Linear Technology LTC3824 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3824
2
3824fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC ...........................................................................65V
SS, RSET, VFB ..............................................................4V
VC ...............................................................................3V
SYNC/MODE ...............................................................6V
VCC – VSENSE ..............................................................1V
Maximum Temperatures (Note 2)
LTC3824E............................................. –40°C to 85°C
LTC3824I............................................ –40°C to 125°C
Storage Temperature Range..................... –65° to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
5
GND
SYNC/MODE
RSET
VC
VFB
10
9
8
7
6
11
CAP
GATE
VCC
SENSE
SS
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3824EMSE#PBF
LTC3824EMSE#TRPBF
LTBRZ
10-Lead Plastic MSOP
–40°C to 85°C
LTC3824IMSE#PBF
LTC3824IMSE#TRPBF
LTCGZ
10-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3824EMSE
LTC3824EMSE#TR
LTBRZ
10-Lead Plastic MSOP
–40°C to 85°C
LTC3824IMSE
LTC3824IMSE#TR
LTCGZ
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, RSET = 392k, CCAP = 0.1μF. No load on any outputs, unless
otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (VCC)
l
460
V
Supply Current (IVCC)VC ≤ 0.4V (Switching Off), VCC ≤ 60V
VSYNC = 0V (Burst Mode Operation Disable)
0.8
1.3
mA
Supply Current (IVCC) Burst Mode Operation
VCC ≤ 60V, SYNC/MODE Open, VC = 0.6V
40
65
μA
Supply Current in Shutdown
VC ≤ 25mV, VCC ≤ 60V
7
μA
VOLTAGE AMPLIFIER gm
Reference Voltage (VREF)
l
0.792
0.788
0.8
0.808
0.812
V
V
Transconductance
VC = 0.8V, ΔIVC = ±2μA
220
260
370
μmho
FB Input Current
VFB = VREF (Note 3)
l
10
30
nA
VC High
IVC = 0
1.6
V
VC Low
IVC = 0
0.35
0.5
V
VC Source Current
VVC = 0.5V to 1.3V, VFB = VREF –100mV (VSYNC = 0V)
15
μA
VC Sink Current
VVC = 0.7V to 1.3V, VFB = VREF +100mV (VSYNC = 0V)
15
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com