Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3824 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3824
Description  High Voltage Step-Down Controller With 40關A Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3824 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3824 Datasheet HTML 2Page - Linear Technology LTC3824 Datasheet HTML 3Page - Linear Technology LTC3824 Datasheet HTML 4Page - Linear Technology LTC3824 Datasheet HTML 5Page - Linear Technology LTC3824 Datasheet HTML 6Page - Linear Technology LTC3824 Datasheet HTML 7Page - Linear Technology LTC3824 Datasheet HTML 8Page - Linear Technology LTC3824 Datasheet HTML 9Page - Linear Technology LTC3824 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3824
6
3824fc
BLOCK DIAGRAM
APPLICATIONS INFORMATION
Operation
The LTC3824 is a constant frequency current mode buck
controller with programmable switching frequency up to
600kHz.
Referring to the Block Diagram, the LTC3824’s basic
functions include a transconductance amplifier gm to
regulate the output voltage and control the current mode
PWM current loop, the necessary logic to control the
PWM switching cycles, a high speed gate driver to drive
an external high power P-channel MOSFET and a voltage
regulator to bias the gate driver circuit.
In normal operation each switching cycle starts with switch
turn-on and the inductor current is sampled through the
current sense resistor. This current is amplified and then
compared to the error amplifier output VC to turn the
switch off. Voltage loop regulates the output voltage to the
programmed level through the output resistor divider and
the error amplifier. Amplifier E1 regulates the gate drive
low to approximately 8V below VCC for VCC higher than
9V, and CCAP stabilizes the voltage. Note that when VCC is
lower than 9V, gate drive high will be within 0.5V of VCC
and gate drive low within 1V of ground.
Important features include shutdown, current limit, soft-
start, synchronization and low quiescent current.
3824 BD
+
50KHz FOLDBACK
SYNC DISABLE
Burst Mode
OPERATION
CONTROL
OSC
S
Q
2V
2.5V
1.8V
100k
Burst Mode
DISABLE
R
0.025V
VREF
0.8V
2.5V
VC
SS
SHUTDOWN
1.5V
GND
1.1V
SYNC/
MODE
RSET
RFREQ
+
+
+
+
+
+
+
SS
+
C2
CCAP
0.1μF
CAP
Q1
M1
8V
B1
0.5V
FB
RF2
RF1
RS
GATE
Y5
L
COUT
VOUT
VIN
Y6
Y3
2.5V
Y2
GM
R2
R3
SLOPE
COMP
R1
2k
C1
470pF
CSS
0.1μF
D6
D7
D4
D1
E1
VCC
M2
0.3μA
Y1
OR1
SENSE
0.1V
50pF
PWM
VREF
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com