Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2011K Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2011K
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011K Datasheet(HTML) 2 Page - Texas Instruments

  BQ2011K Datasheet HTML 1Page - Texas Instruments BQ2011K Datasheet HTML 2Page - Texas Instruments BQ2011K Datasheet HTML 3Page - Texas Instruments BQ2011K Datasheet HTML 4Page - Texas Instruments BQ2011K Datasheet HTML 5Page - Texas Instruments BQ2011K Datasheet HTML 6Page - Texas Instruments BQ2011K Datasheet HTML 7Page - Texas Instruments BQ2011K Datasheet HTML 8Page - Texas Instruments BQ2011K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Pin Descriptions
LCOM
LED common
Open-drain output switches VCC to source cur-
rent for the LEDs. The switch is off during ini-
tialization to allow reading of PROG1-4 pull-up
or pull-down program resistors. LCOM is high
impedance when the display is off.
SEG1–
SEG5
LED display segment outputs
Each output may activate an LED to sink
the current sourced from LCOM, the battery,
or VCC.
PROG1–
PROG4
Programmed full count selection inputs
(dual function with SEG1 - SEG4)
These three-level input pins define the pro-
grammed full count (PFC) in conjunction
with SPFC pin, define the display mode and
enable or disable self-discharge.
SPFC
Programmed full count selection input
This three-level input pin along with PROG1-3
define the programmed full count (PFC)
thresholds described in Table 1. The state of
the SPFC pin is only read immediately after
a reset condition.
SR
Sense resistor input
The voltage drop (VSR) across the sense re-
sistor RS is monitored and integrated over
time to interpret charge and discharge activ-
ity. The SR input is tied to the low side of
the sense resistor and battery pack ground
(see Figure 1). VSR >VSS indicates discharge,
and VSR <VSS indicates charge. The effec-
tive voltage drop, VSRO, as seen by the
bq2011K is VSR +VOS (see Table 4).
NC
No connect
DISP
Display control input
DISP floating allows the LED display to
be active during certain charge and dis-
charge conditions. Transitioning DISP
low activates the display for 4
± 0.5 seconds.
SB
Secondary battery input
This input monitors the single-cell voltage
potential through a high-impedance resis-
tive divider network for the end-of-discharge
voltage (EDV) threshold and maximum cell
voltage (MCV).
RBI
Register backup input
This input is used to provide backup poten-
tial to the bq2011K registers during periods
when VCC < 3V. A storage capacitor should
be connected to RBI.
DQ
Serial I/O pin
This is an open-drain bidirectional pin.
REF
Voltage reference output for regulator
REF provides a voltage reference output for
an optional micro-regulator.
VCC
Supply voltage input
VSS
Ground
2
bq2011K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com