Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2011K Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2011K
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011K Datasheet(HTML) 3 Page - Texas Instruments

  BQ2011K Datasheet HTML 1Page - Texas Instruments BQ2011K Datasheet HTML 2Page - Texas Instruments BQ2011K Datasheet HTML 3Page - Texas Instruments BQ2011K Datasheet HTML 4Page - Texas Instruments BQ2011K Datasheet HTML 5Page - Texas Instruments BQ2011K Datasheet HTML 6Page - Texas Instruments BQ2011K Datasheet HTML 7Page - Texas Instruments BQ2011K Datasheet HTML 8Page - Texas Instruments BQ2011K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Functional Description
General Operation
The bq2011K determines battery capacity by monitoring
the amount of charge input to or removed from a recharge-
able battery. The bq2011K measures discharge and charge
currents, estimates self-discharge, monitors the battery for
low-battery voltage thresholds, and compensates for tem-
perature and charge/discharge rates. The charge measure-
ment is made by monitoring the voltage across a small-
value series sense resistor between the battery’s negative
terminal and ground. The available battery charge is de-
termined by monitoring this voltage over time and correct-
ing the measurement for the environmental and operating
conditions.
Figure 1 shows a typical battery pack application of the
bq2011K using the LED display with absolute mode as a
charge-state indicator. The absolute display mode uses
the programmed full count (PFC) as the full reference,
forcing each segment of the display to represent a fixed
amount of charge.
A push-button display feature is
available for momentarily enabling the LED display.
The bq2011K monitors the charge and discharge cur-
rents as a voltage across a sense resistor (see RS in Fig-
ure 1). A filter between the negative battery terminal
and the SR pin may be required if the rate of change of
the battery current is too great.
Register Backup
The bq2011K RBI input pin is intended to be used with
a storage capacitor to provide backup potential to the in-
3
bq2011K
FG201103.eps
SPFC
SEG5
SEG4/PROG4
SEG3/PROG3
SEG2/PROG2
SEG1/PROG1
VSS
DISP
SB
VCC
REF
bq2011K
Gas Gauge IC
LCOM
SR
RBI
DQ
VCC
C1
0.1 F
Q1
ZVNL110A
R1
RS
RB1
RB2
Load
Charger
Indicates optional.
Directly connect to VCC across 4 cells (4.8V nominal and should not
exceed 6.5V) with a resistor and a Zener diode to limit voltage during charge.
Otherwise, R1, C1, and Q1 are needed for regulation of >4 cells.
Programming resistors and ESD-protection diodes are not shown.
R-C on SR may be required (application-specific), where the maximum R should not exceed 20K.
Figure 1. Application Diagram: LED Display, Absolute Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com