Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C32IDBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # AM26C32IDBLE
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C32IDBLE Datasheet(HTML) 4 Page - Texas Instruments

  AM26C32IDBLE Datasheet HTML 1Page - Texas Instruments AM26C32IDBLE Datasheet HTML 2Page - Texas Instruments AM26C32IDBLE Datasheet HTML 3Page - Texas Instruments AM26C32IDBLE Datasheet HTML 4Page - Texas Instruments AM26C32IDBLE Datasheet HTML 5Page - Texas Instruments AM26C32IDBLE Datasheet HTML 6Page - Texas Instruments AM26C32IDBLE Datasheet HTML 7Page - Texas Instruments AM26C32IDBLE Datasheet HTML 8Page - Texas Instruments AM26C32IDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AM26C32
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: A or B inputs
−11 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
G or G inputs
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage range, VID
−14 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential output voltage, VOD, are with respect to network GND. Currents into the device are positive
and currents out of the device are negative.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VIC
Common-mode input voltage
±7
V
IOH
High-level output current
−6
mA
IOL
Low-level output current
6
mA
AM26C32C
0
70
TA
Operating free-air temperature
AM26C32I
−40
85
°C
TA
Operating free-air temperature
AM26C32Q
−40
125
°C
AM26C32M
−55
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com