Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C32IDBLE Datasheet(PDF) 2 Page - Texas Instruments

Part # AM26C32IDBLE
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C32IDBLE Datasheet(HTML) 2 Page - Texas Instruments

  AM26C32IDBLE Datasheet HTML 1Page - Texas Instruments AM26C32IDBLE Datasheet HTML 2Page - Texas Instruments AM26C32IDBLE Datasheet HTML 3Page - Texas Instruments AM26C32IDBLE Datasheet HTML 4Page - Texas Instruments AM26C32IDBLE Datasheet HTML 5Page - Texas Instruments AM26C32IDBLE Datasheet HTML 6Page - Texas Instruments AM26C32IDBLE Datasheet HTML 7Page - Texas Instruments AM26C32IDBLE Datasheet HTML 8Page - Texas Instruments AM26C32IDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AM26C32
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
AM26C32CN
AM26C32CN
0
°C to 70°C
SOIC (D)
Tube of 40
AM26C32CD
AM26C32C
0
°C to 70°C
SOIC (D)
Reel of 2500
AM26C32CDR
AM26C32C
SOP (NS)
Reel of 2000
AM26C32CNSR
26C32
PDIP (N)
Tube of 25
AM26C32IN
AM26C32IN
SOIC (D)
Tube of 40
AM26C32ID
AM26C32I
−40
°C to 85°C
SOIC (D)
Reel of 2500
AM26C32IDR
AM26C32I
−40 C to 85 C
SOP (NS)
Reel of 2000
AM26C32INSR
26C32I
TSSOP (PW)
Tube of 90
AM26C32IPW
26C32I
−40
°C to 125°C
SOIC (D)
Tube of 40
AM26C32QD
AM26C32QD
CDIP (J)
Tube of 25
AM26C32MJ
AM26C32MJ
−55
°C to 125°C
CFP (W)
Tube of 150
AM26C32MW
AM26C32MW
−55 C to 125 C
LCCC (FK)
Tube of 55
AM26C32MFK
AM26C32MFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each receiver)
DIFFERENTIAL
ENABLES
OUTPUT
DIFFERENTIAL
INPUT
G
G
OUTPUT
Y
VID ≥ VIT+
H
X
H
VID ≥ VIT+
X
LH
VIT− < VID < VIT+
H
X
?
VIT− < VID < VIT+
X
L?
VID ≤ VIT−
H
X
L
VID ≤ VIT−
X
LL
X
L
H
Z
H = high level, L = low level, X = irrelevant
Z = high impedance (off), ? = indeterminate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com