Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4213IDDB Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4213IDDB
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213IDDB Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4213IDDB Datasheet HTML 10Page - Linear Technology LTC4213IDDB Datasheet HTML 11Page - Linear Technology LTC4213IDDB Datasheet HTML 12Page - Linear Technology LTC4213IDDB Datasheet HTML 13Page - Linear Technology LTC4213IDDB Datasheet HTML 14Page - Linear Technology LTC4213IDDB Datasheet HTML 15Page - Linear Technology LTC4213IDDB Datasheet HTML 16Page - Linear Technology LTC4213IDDB Datasheet HTML 17Page - Linear Technology LTC4213IDDB Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4213
14
4213f
Operating temperature of 0° to 70°C.
RDSON @ 25°C = 100%
RDSON @ 0°C = 90%
RDSON @ 70°C = 120%
MOSFET resistance variation:
RDSON(NOM) = 15m • 0.82 = 12.3mΩ
RDSON(MAX) = 15m • 1.333 • 0.93 • 1.2 = 15m • 1.488
= 22.3mΩ
RDSON(MIN) = 15m • 0.667 • 0.80 • 0.90 = 15m • 0.480
= 7.2mΩ
VCB variation:
NOM VCB = 25mV = 100%
MIN VCB = 22.5mV = 90%
MAX VCB = 27.5mV = 110%
The current limits are:
ILIMIT(NOM) = 25mV/12.3mΩ = 2.03A
ILIMIT(MIN) = 22.5mV/22.3mΩ = 1.01A
ILIMIT(MAX) = 27.5mV/7.2mΩ = 3.82A
For proper operation, the minimum current limit must
exceed the circuit maximum operating load current with
margin. So this system is suitable for operating load
current up to 1A. From this calculation, we can start with
the general rule for MOSFET RDSON by assuming maxi-
mum operating load current is roughly half of the
ILIMIT(NOM). Equation 7 shows the rule of thumb.
I
V
R
OPMAX
CB NOM
DSON NOM
=
()
()
()
2
7
Note that the RDSON(NOM) is at the LTC4213 nominal
operating ∆VGSMAX rather than at typical vendor spec.
Table 1 gives the nominal operating ∆VGSMAX at the
various operating VCC. From this table users can refer to
the MOSFET’s data sheet to obtain the RDSON(NOM) value.
Table 1. Nominal Operating ∆VGSMAX for Typical Bias
Supply Voltage
VCC (V)
∆VGSMAX (V)
2.3
4.3
2.5
5.0
2.7
5.6
3.0
6.5
3.3
7.0
5.0
7.0
6.0
7.0
Load Supply Power-Up after Circuit Breaker Armed
Figure 4 shows a normal power-up sequence for the
circuit in Figure 1 where the VIN load supply power-up after
circuit breaker is armed. VCC is first powered up by an
auxiliary bias supply. VCC rises above 2.07V at time
point 1. VON exceeds 0.8V at time point 2. After a 60µs
debounce delay, the GATE pin starts ramping up at time
point 3. The external MOSFET starts conducting at time
point 4. At time point 5, VGATE exceed ∆VGSARM and the
circuit breaker is armed. After 50µs (tREADY delay), READY
pulls high by an external resistor at time point 6. READY
signals the VIN load supply module to start its ramp. The
load supply begins soft-start ramp at time point 7. The load
supply ramp rate must be slow to prevent circuit breaker
tripping as in equation (8).
V
t
II
C
IN
OPMAX
LOAD
LOAD
<
()
8
Where IOPMAX is the maximum operating current defined
by equation 7.
For illustration, VCB = 25mV and RDSON = 3.5mΩ at the
nominal operating ∆VGSMAX. The maximum operating
current is 3.5A (refer to equation 7). Assuming the load
can draw a current of 2A at power-up, there is a margin of
1.5A available for CLOAD of 100µF and VIN ramp rate should
be <15V/ms. At time point 8, the current through the
MOSFET reduces after CLOAD is fully charged.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com