Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4217CDHC Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4217CDHC
Description  2A Integrated Hot Swap Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217CDHC Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4217CDHC Datasheet HTML 3Page - Linear Technology LTC4217CDHC Datasheet HTML 4Page - Linear Technology LTC4217CDHC Datasheet HTML 5Page - Linear Technology LTC4217CDHC Datasheet HTML 6Page - Linear Technology LTC4217CDHC Datasheet HTML 7Page - Linear Technology LTC4217CDHC Datasheet HTML 8Page - Linear Technology LTC4217CDHC Datasheet HTML 9Page - Linear Technology LTC4217CDHC Datasheet HTML 10Page - Linear Technology LTC4217CDHC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC4217
7
4217fc
PIN FUNCTIONS
FB: Foldback and Power Good Input. Connect this pin to an
external resistive divider from OUT for the LTC4217 (adjust-
able) version. The LTC4217-12 version uses a fixed internal
divider with optional external adjustment. Open the pin if
the LTC4217-12 thresholds for 12V operation are desired.
If the voltage falls below 0.6V, the current limit is reduced
using a foldback profile (see the Typical Performance
Characteristics section). If the voltage falls below 1.21V,
the PG pin will pull low to indicate the power is bad.
FLT: Overcurrent Fault Indicator. Open-drain output pulls
low when an overcurrent fault has occurred and the circuit
breaker trips. For overcurrent auto-retry tie to UV pin (see
the Applications Information section for details).
GATE: Gate Drive for Internal N-channel MOSFET. An
internal 24μA current source charges the gate of the
N-channel MOSFET. At start-up the GATE pin ramps up at
a 0.3V/ms rate determined by internal circuitry. During an
undervoltage or overvoltage condition a 250μA pull-down
current turns the MOSFET off. During a short-circuit or
undervoltage lockout condition, a 140mA pull-down cur-
rent source between GATE and OUT is activated.
GND: Device Ground.
IMON: Current Monitor Output. The current in the internal
MOSFET switch is divided by 20,000 and sourced from this
pin. Placing a 20k resistor from this pin to GND creates a 0V
to 2V voltage swing when current ranges from 0A to 2A.
INTVCC: Internal 3V Supply Decoupling Output. This pin
must have a 0.1μF or larger bypass capacitor.
ISET: Current Limit Adjustment Pin. For a 2A current limit
value open this pin. This pin is driven by a 20k resistor in
series with a voltage source. The pin voltage is used to
generatethecurrentlimitthreshold.Theinternal20kresistor
and an external resistor between ISET and ground create an
attenuator that lowers the current limit value. In order to
match the temperature variation of the sense resistor, the
voltage on this pin increases at the same rate as the sense
resistance increases. Therefore the voltage at ISET pin is
proportional to temperature of the MOSFET switch.
OUT: Output of Internal MOSFET Switch. Connect this pin
directly to the load. In the LTC4217-12 version, the PG
comparator monitors an internal resistive divider between
the OUT pin and GND.
OV: Overvoltage Comparator Input. Connect this pin to an
external resistive divider from VDD for the LTC4217 (adjust-
able) version. The LTC4217-12 version uses a fixed internal
divider with optional external adjustment for 12V operation.
Open the pin if the LTC4217-12 thresholds are desired. If
the voltage at this pin rises above 1.235V, an overvoltage is
detected and the switch turns off. Tie to GND if unused.
PG: Power Good Indicator. Open-drain output pulls low
when the FB pin drops below 1.21V indicating the power is
bad. If the FB pin rises above 1.23V and the GATE to OUT
voltage exceeds 4.2V, the open-drain pull-down releases
the PG pin to go high.
SENSE: Current Sense Node and MOSFET Drain. The
current limit circuit controls the GATE pin to limit the
sense voltage between the VDD and SENSE pins to 15mV
(2A) or less depending on the voltage at the FB pin. The
exposed pad on DHC and FE packages are connected to
SENSE and must be soldered to an electrically isolated
printed circuit board trace to properly transfer the heat
out of the package.
TIMER: Timer Input. Connect a capacitor between this pin
and ground to set a 12ms/μF duration for current limit
before the switch is turned off. If the UV pin is toggled
low while the MOSFET switch is off, the switch will turn
on again following a cooldown time of 518ms/μF duration.
Tie this pin to INTVCC for a fixed 2ms overcurrent delay
and 100ms auto-retry time.
UV: Undervoltage Comparator Input. Tie high if unused.
Connect this pin to an external resistive divider from VDDfor
the LTC4217 (adjustable) version. The LTC4217-12 version
drives the UV pin with an internal resistive divider from
VDD. Open the pin if the preset LTC4217-12 thresholds for
12V operation are desired. If the UV pin voltage falls below
1.15V, an undervoltage is detected and the switch turns off.
Pulling this pin below 0.62V resets the overcurrent fault
and allows the switch to turn back on (see the Applications
Information section for details). If overcurrent auto-retry
is desired then tie this pin to the FLT pin.
VDD: Supply Voltage and Current Sense Input. This pin
has an undervoltage lockout threshold of 2.73V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com