Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4217CDHC Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4217CDHC
Description  2A Integrated Hot Swap Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217CDHC Datasheet(HTML) 1 Page - Linear Technology

  LTC4217CDHC Datasheet HTML 1Page - Linear Technology LTC4217CDHC Datasheet HTML 2Page - Linear Technology LTC4217CDHC Datasheet HTML 3Page - Linear Technology LTC4217CDHC Datasheet HTML 4Page - Linear Technology LTC4217CDHC Datasheet HTML 5Page - Linear Technology LTC4217CDHC Datasheet HTML 6Page - Linear Technology LTC4217CDHC Datasheet HTML 7Page - Linear Technology LTC4217CDHC Datasheet HTML 8Page - Linear Technology LTC4217CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC4217
1
4217fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2A Integrated Hot Swap
Controller
The LTC®4217 is an integrated solution for Hot Swap™
applications that allows a board to be safely inserted and
removed from a live backplane. The part integrates a Hot
Swap controller, power MOSFET and current sense resistor
in a single package for small form factor applications. A
dedicated 12V version (LTC4217-12) contains preset 12V
specific thresholds, while the standard LTC4217 allows
adjustable thresholds.
The LTC4217 provides separate inrush current control
and a 5% accurate 2A current limit with foldback cur-
rent limiting. The current limit threshold can be adjusted
dynamically using an external pin. Additional features
include a current monitor output that amplifies the sense
resistor voltage for ground referenced current sensing
and a MOSFET temperature monitor output. Thermal limit,
overvoltage, undervoltage and power good monitoring
are also provided.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. Hot Swap is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
12V, 1.5A Card Resident Application
n Small Footprint
n 33m
Ω MOSFET with RSENSE
n Wide Operating Voltage Range: 2.9V to 26.5V
n Adjustable, 5% Accurate Current Limit
n Current and Temperature Monitor Outputs
n Overtemperature Protection
n Adjustable Current Limit Timer Before Fault
n Power Good and Fault Outputs
n Adjustable Inrush Current Control
n 2% Accurate Undervoltage and Overvoltage
Protection
n Available in 20-Lead TSSOP and 16-Lead
5mm
× 3mm DFN Packages
n RAID Systems
n Server I/O Cards
n Industrial
Power-Up Waveforms
ADC
0.1μF
12V
VOUT
12V
1.5A
20k
4217 TA01a
10k
12V
330μF
VDD
UV
OUT
PG
ISET
GND
IMON
LTC4217DHC-12
INTVCC
TIMER
FLT
AUTO
RETRY
+
VIN
10V/DIV
IIN
0.1A/DIV
VOUT
10V/DIV
PG
10V/DIV
25ms/DIV
4217 TA01b


Similar Part No. - LTC4217CDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
248Kb / 18P
2A Integrated Hot Swap Controller
logo
Analog Devices
LTC4217 AD-LTC4217 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Linear Technology
LTC4217HFE LINER-LTC4217HFE Datasheet
248Kb / 18P
2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
2A Integrated Hot Swap Controller
More results

Similar Description - LTC4217CDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com