Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3285ECSSTR Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ3285ECSSTR
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ECSSTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ3285ECSSTR Datasheet HTML 6Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 7Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 8Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 9Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 10Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 11Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 12Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 13Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Register C
Register C is the read-only event status register.
Bits 0, 1, 2, 3 - Unused Bits
These bits are always set to 0.
UF - Update Event Flag
This bit is set toa1atthe end of the update cycle.
Reading register C clears this bit.
AF - Alarm Event Flag
This bit is set to a 1 when an alarm event occurs. Read-
ing register C clears this bit.
PF - Periodic Event Flag
This bit is set to a 1 every tPI time, where tPI is the time
period selected by the settings of RS0–RS3 in register A.
Reading register C clears this bit.
INTF - Interrupt Request Flag
This flag is set to a 1 when any of the following is true:
AIE = 1 and AF = 1
PIE = 1 and PF = 1
UIE = 1 and UF = 1
Reading register C clears this bit.
Register D
Register D is the read-only data integrity status regis-
ter.
Bits 0–6 - Unused Bits
These bits are always set to 0.
VRT - Valid RAM and Time
1 = Valid backup energy source
0 = Backup energy source is depleted
When the backup energy source is depleted (VRT = 0),
data integrity of the RTC and storage registers is not
guaranteed.
10
7654
3
210
----
0
-
0
0
7654
3
210
---
UF
-
---
7654
3
210
--
AF
-
-
---
7654
3
210
-PF-
-
-
-
-
-
7654
3
210
INTF
-
-
-
-
-
-
-
Register D Bits
7654
3
210
VRT
000
0
000
7654
3
210
-
000
0
000
7654
3
210
VRT
---
-
---
July 1996
bq3285EC/LC
Register C Bits
7654
3
210
INTF
PF
AF
UF
0
-
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com