Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3285LCSS Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ3285LCSS
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285LCSS Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ3285LCSS Datasheet HTML 9Page - Texas Instruments BQ3285LCSS Datasheet HTML 10Page - Texas Instruments BQ3285LCSS Datasheet HTML 11Page - Texas Instruments BQ3285LCSS Datasheet HTML 12Page - Texas Instruments BQ3285LCSS Datasheet HTML 13Page - Texas Instruments BQ3285LCSS Datasheet HTML 14Page - Texas Instruments BQ3285LCSS Datasheet HTML 15Page - Texas Instruments BQ3285LCSS Datasheet HTML 16Page - Texas Instruments BQ3285LCSS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
bq3285EC/LC
July 1996
DC Electrical Characteristics—bq3285EC (T
A =TOPR,VCC =5V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
ILI
Input leakage current
-
-
± 1
µAVIN =VSS to VCC
ILO
Output leakage current
-
-
± 1
µA
AD0–AD7 and INT in
high impedance,
VOUT =VSS to VCC
VOH
Output high voltage
2.4
-
-
V
IOH = -2.0 mA
VOL
Output low voltage
-
-
0.4
V
IOL = 4.0 mA
ICC
Operating supply current
-
7
15
mA
Min. cycle, duty = 100%,
IOH = 0mA, IOL = 0mA
ICCSB
Standby supply current
-
300
-
µA
VIN =VSS or VCC,
CS
≥ VCC - 0.2
VSO
Supply switch-over voltage
-
V
BC
-V
ICCB
Battery operation current
-
0.3
0.5
µAV
BC =3V, TA = 25°C
VPFD
Power-fail-detect voltage
4.0
4.17
4.35
V
IRCL
Input current when RCL =VSS.
-
-
185
µA
Internal 30K pull-up
IMOTH
Input current when MOT = VCC
-
-
-185
µA
Internal 30K pull-down
Input current when MOT = VSS
--
0
µA
Internal 30K pull-down
IXTRAM
Input current when EXTRAM =
VCC
-
-
-185
µA
Internal 30K pull-down
Input current when EXTRAM =
VSS
--
0
µA
Internal 30K pull-down
Note:
Typical values indicate operation at TA = 25°C, VCC =5VorVBC =3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com