Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3285LCSS Datasheet(PDF) 21 Page - Texas Instruments

Part # BQ3285LCSS
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285LCSS Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ3285LCSS Datasheet HTML 17Page - Texas Instruments BQ3285LCSS Datasheet HTML 18Page - Texas Instruments BQ3285LCSS Datasheet HTML 19Page - Texas Instruments BQ3285LCSS Datasheet HTML 20Page - Texas Instruments BQ3285LCSS Datasheet HTML 21Page - Texas Instruments BQ3285LCSS Datasheet HTML 22Page - Texas Instruments BQ3285LCSS Datasheet HTML 23Page - Texas Instruments BQ3285LCSS Datasheet HTML 24Page - Texas Instruments BQ3285LCSS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
bq3285EC/LC
July 1996
Power-Down/Power-Up Timing—bq3285EC (T
A =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
tF
VCC slew from 4.5V to 0V
300
-
-
µs
tR
VCC slew from 0V to 4.5V
100
-
-
µs
tCSR
CS at VIH after power-up
20
-
200
ms
Internal write-protection
period after VCC passes VPFD
on power-up.
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Power-Down/Power-Up Timing—bq3285EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com