Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SSM
Description  Alarm Bells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SSM Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SSM Datasheet HTML 1Page - Systemsensor advanced ideas. SSM Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2007 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0260-008 • 4/07 • #1676
Ordering Information
UL/FM Model No.
ULC/Canadian Model No.
Description
SSM24-6
SSM24-6A
Bell, 6˝, 24VDC, Polarized, 82dBA
SSM24-8
SSM24-8A
Bell, 8˝, 24VDC, Polarized, 80dBA
SSM24-10
SSM24-10A
Bell, 10˝, 24VDC, Polarized, 81dBA
SSV120-6
SSV120-6A
Bell, 6˝, 120VAC, 85dBA
SSV120-8
SSV120-8A
Bell, 8˝, 120VAC, 82dBA
SSV120-10
SSV120-10A
Bell, 10˝, 120VAC, 82dBA
WBB
Weatherproof back box for SSM and SSV series, when installed outdoors
SSM/SSV Specifications
Architectural/Engineering Specifications
Model shall be a SSM or SSV Series alarm bell. Bells shall have underdome strikers and operating mechanisms. Gongs on said bells shall be no smaller than
nominal 6˝/8˝/10˝ (specify size) with an operating voltage of 24VDC or 120VAC (specify by part number). Bells shall be suitable for surface or semi-flush
mounting. Outdoor surface mounted installations shall be weatherproof (using optional WBB weatherproof electrical box). Otherwise bells shall mount to
a standard 4˝ square electrical box having a maximum projection of 2½˝. Bells shall be located as shown on the drawings or as determined by the Authority
Having Jurisdiction. Bells shall be listed for indoor/outdoor use by Underwriters Laboratories and the California State Fire Marshal, and approved by Factory
Mutual and MEA.
Physical/Operating Specifications
Operating Temperature Range
–31°F to 140°F
Operating Voltage
SSM series: 24 VDC
SSV series: 120 VAC
Termination
Provided with 2 sets of leads for in/out wiring
Service Use
Fire Alarm, General Signaling, Burglar Alarm
Warranty
3 years
Electrical Specifications
Model
Gong Diameter
(inches)
Nominal Voltage
Operating Voltage
Limit
Maximum Current
Sound Output (dBA)
SSM24-6
6
Regulated 24VDC
16 to 33VDC
DC-31.1mA/ FWR-53.5mA
82
SSM24-8
8
Regulated 24VDC
16 to 33VDC
DC-31.1mA/ FWR-53.5mA
80
SSM24-10
10
Regulated 24VDC
16 to 33VDC
DC-31.1mA/ FWR-53.5mA
81
SSV120-6
6
Regulated 120VAC
96 to 132VAC
53mA
85
SSV120-8
8
Regulated 120VAC
96 to 132VAC
53mA
82
SSV120-10
10
Regulated 120VAC
96 to 132VAC
53mA
82
* Sound output measured at Underwriter Laboratories, as specified in UL464



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com