Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SSM
Description  Alarm Bells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SSM Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SSM Datasheet HTML 1Page - Systemsensor advanced ideas. SSM Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
SSM/SSV Series
Alarm Bells
System Sensor’s SSM and SSV series bells are low
current, high decibel notification appliances for
use in fire and burglary systems or other signaling
applications.
Features
Approved for indoor and outdoor use
Low current draw
High dB output
Available in six-inch, eight-inch, and ten-inch sizes
AC and DC models
DC models polarized for use with supervision circuitry
Mount directly to standard four-inch square electrical box indoors
SSM and SSV series pre-wired
•
•
•
•
•
•
•
•
Reliable Performance. The SSM and SSV series provide loud
resonant tones. The SSM series operates on 24VDC and are motor
driven, while the SSV series operates on 120VAC utilizing a vibrating
mechanism.
Simplified Installation. For indoor use, the SSM and SSV series
mount to a standard four-inch square electrical box. For outdoor
applications, weatherproof back box, model number WBB, is used.
The SSM and SSV series come pre-wired, to reduce installation time.
The SSM series incorporates a polarized electrical design for use with
supervision circuitry.
S4011
331-01-E
7135-1653:125
7135-1653:100
CS549
3005255


Similar Part No. - SSM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SSM 14L1 SONY-SSM 14L1 Datasheet
3Mb / 76P
TRINITRON® COLOR VIDEO MONITOR
logo
Multicomp Pro
SSM-001 MULTICOMP-SSM-001 Datasheet
233Kb / 2P
Snap Action Switches
10/12/20 V1.0
SSM-002 MULTICOMP-SSM-002 Datasheet
233Kb / 2P
Snap Action Switches
10/12/20 V1.0
SSM-003 MULTICOMP-SSM-003 Datasheet
233Kb / 2P
Snap Action Switches
10/12/20 V1.0
SSM-004 MULTICOMP-SSM-004 Datasheet
233Kb / 2P
Snap Action Switches
10/12/20 V1.0
More results

Similar Description - SSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ALG01 ETC2-ALG01 Datasheet
103Kb / 1P
ALARM GENERATOR
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
Alarm platform
22-Oct-2007
logo
Gamewell-FCI by Honeywe...
MB-G6-12-R GAMEWELL-FCI-MB-G6-12-R Datasheet
149Kb / 2P
Wheelock MB Series Motor Bells
logo
ETRI
RA100 ETRI-RA100 Datasheet
169Kb / 3P
ALARM RELAYS
RA107 ETRI-RA107 Datasheet
116Kb / 1P
ALARM RELAYS
RA109 ETRI-RA109 Datasheet
145Kb / 1P
ALARM RELAYS
RA104 ETRI-RA104 Datasheet
118Kb / 1P
ALARM RELAYS
logo
Microchip Technology
RE46C165 MICROCHIP-RE46C165_16 Datasheet
563Kb / 30P
Alarm Memory
07/14/15
logo
Roithner LaserTechnik G...
EPD-470-1-0.9 ROITHNER-EPD-470-1-0.9 Datasheet
319Kb / 2P
Alarm systems
logo
M-System Co.,Ltd.
48DV MSYSTEM-48DV Datasheet
95Kb / 6P
BARGRAPH INDICATING ALARM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com