Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3537 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3537
Description  2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3537 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3537 Datasheet HTML 10Page - Linear Technology LTC3537 Datasheet HTML 11Page - Linear Technology LTC3537 Datasheet HTML 12Page - Linear Technology LTC3537 Datasheet HTML 13Page - Linear Technology LTC3537 Datasheet HTML 14Page - Linear Technology LTC3537 Datasheet HTML 15Page - Linear Technology LTC3537 Datasheet HTML 16Page - Linear Technology LTC3537 Datasheet HTML 17Page - Linear Technology LTC3537 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3537
14
3537fa
APPLICATIONS INFORMATION
VINB > VOUTB OPERATION
The LTC3537 step-up converter will maintain voltage regu-
lation even when the input voltage is above the desired
output voltage. Note that the efficiency is much lower in this
mode, and the maximum output current capability will be
less. Refer to the Typical Performance Characteristics.
STEP-UP SHORT-CIRCUIT PROTECTION
The LTC3537 output disconnect feature provides output
short circuit protection. To reduce power dissipation under
short-circuit conditions, the peak switch current limit is
reduced to 400mA (typical).
SCHOTTKY DIODE
Although it is not required, adding a Schottky diode from
SW to VOUTB will improve efficiency by about 4%. Note
that this defeats the output disconnect and short-circuit
protection features.
PCB LAYOUT GUIDELINES
The high speed operation of the LTC3537 demands careful
attention to board layout. A careless layout will result in
reduced performance. Figure 1 shows the recommended
component placement. A large ground pin copper area
will help to lower the die temperature. A multilayer board
with a separate ground plane is ideal, but not absolutely
necessary.
COMPONENT SELECTION
Inductor Selection
The LTC3537 can utilize small surface mount chip induc-
tors due to its fast 2.2MHz switching frequency. Inductor
values between 1μH and 4.7μH are suitable for most ap-
plications. Larger values of inductance will allow slightly
greater output current capability (and lower the Burst
Mode threshold) by reducing the inductor ripple current.
Increasing the inductance above 10μH will increase size
while providing little improvement in output current capa-
bility. The minimum inductance value is given by:
L
>
V
INB(MIN) • VOUTB(MAX) − VINB(MIN)
()
Ripple
• V
OUTB(MAX)
where:
Ripple = Allowable inductor current ripple (amps
peak-peak)
VINB(MIN) = Minimum converter input voltage
VOUTB(MAX) = Maximum output voltage
The inductor current ripple is typically set for 20% to
40% of the maximum inductor current. High frequency
ferrite core inductor materials reduce frequency dependent
power losses compared to cheaper powdered iron types,
improving efficiency. The inductor should have low ESR
(series resistance of the windings) to reduce the I2R power
losses, and must be able to support the peak inductor
current without saturating. Molded chokes and some chip
inductors usually do not have enough core area to support
the peak inductor currents of 750mA seen on the LTC3537.
To minimize radiated noise, use a shielded inductor. See
Table 1 for suggested components and suppliers.
Figure 1
3537 F01
56
7
8
16
15
14
13
LBO
SW
VOUTB
MODE
VINL
VOLDO
LBI
SGND
VINB
FBL
FBB
1
2
3
4
12
11
10
9
+
PGDB ENBST PGDL ENLDO
MULTIPLE VIAS
TO INNER GROUND LAYERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com