Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3537 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3537
Description  2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3537 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3537 Datasheet HTML 12Page - Linear Technology LTC3537 Datasheet HTML 13Page - Linear Technology LTC3537 Datasheet HTML 14Page - Linear Technology LTC3537 Datasheet HTML 15Page - Linear Technology LTC3537 Datasheet HTML 16Page - Linear Technology LTC3537 Datasheet HTML 17Page - Linear Technology LTC3537 Datasheet HTML 18Page - Linear Technology LTC3537 Datasheet HTML 19Page - Linear Technology LTC3537 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3537
18
3537fa
TYPICAL APPLICATIONS
Single Cell or 5V Input to 3.3V
3537 TA07
LTC3537
VINB
1μF
2.2μH
ENLDO
VOUTB
FBB
VINL
VOLDO
FBL
ENBST
MODE
PGND
SGND
SW
R3
1.74M
R1
487k
R2
511k
R5
1.02M
R6
510k
10μF
3.3V/100mA
ON
OFF
BURST
PWM
PGDL
PGDB
LBO
LBI
0.8V TO 1.6V
ALKALINE
+
USB
OR
5V ADAPTER
10μF
+
Li-Ion to 5V, 3.3V
3537 TA06
LTC3537
VINB
1μF
VOUTB
5V
VOLDO
3.3V
2.2μH
R6
2M
ENDLO
VOUTB
FBB
VINL
VOLDO
FBL
ENBST
MODE
PGND
SGND
SW
R2
1.91M
R1
604k
R3
523k
R4
2.37M
R5
499k
Li-Ion
4.7μF
1μF
ON
OFF
BURST
PVM
PGDL
PGDB
LBO
LBI
+
2.8V
TO
4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com