Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900CT Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 900CT
Description  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900CT Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  900CT Datasheet HTML 1Page - Frequency Devices, Inc. 900CT Datasheet HTML 2Page - Frequency Devices, Inc. 900CT Datasheet HTML 3Page - Frequency Devices, Inc. 900CT Datasheet HTML 4Page - Frequency Devices, Inc. 900CT Datasheet HTML 5Page - Frequency Devices, Inc. 900CT Datasheet HTML 6Page - Frequency Devices, Inc. 900CT Datasheet HTML 7Page - Frequency Devices, Inc. 900CT Datasheet HTML 8Page - Frequency Devices, Inc. 900CT Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Models 900CT & 900BT
Tunable Active
Single Channel –
Certified
Filter Instrument
Description
Frequency Devices’ Models 900CT & 900BT
instruments are single channel; 8-pole low-pass
or
high-pass,
front
panel
tunable
filter
instruments. The controls allow the user to select
a corner frequency between 0.1 Hz and 49.9 kHz
with a resolution of 1:499 for each of the four
selectable ranges.
The instrument exhibits an input impedance of 1
M
Ω shunted by 47pF to a single ended signal
source. When configured in the differential mode,
the instrument has a common mode rejection
ratio (CMRR), which exceeds 60dB; in this mode
the instrument presents an input impedance of 2
M
Ω’s shunted by 47pF to a double-ended single
source. Front panel gain control also enables the
operator to select a gain factor of 0, 10, or 20dB.
Standard operational features include:
1) Adjustable Frequency Control
2) Differential Input Amplifiers
3) Adjustable Gain Control
4) Off-set Adjustment
5) Bypass Control
6) BNC Connectors for Signal I/O
The
optional
battery
powered
900BT
is
particularly well suited to applications requiring
isolation from an electrically noisy primary power
source.
Compact size and manual rotary switch front
panel controls make 900 instruments a popular,
cost effective, easy-to-use solution for signal
conditioning applications in the following areas:
1
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Anti-aliasing Filters
Biomedical/Biotechnology Applications
Data Recording/Playback
Data Smoothing
EKG/EEG Signal Filtering
FDM/PCM Signal Filtering
Medical Research
Industrial Process Control
Seismic Analysis
Vibration Analysis
Models
900CT
Standard AC Powered
900BT
AC Powered, with battery option
Available Low-Pass Filters:
Part#
#Poles
Filter Type
Page
900L8B
8
Butterworth
6
900L8L
8
Bessel
6
900L8E
8, 6 zero
Elliptic, 1.77
6
900L8EY
8, 6 zero
Elliptic, 2.00
6
900L8D80
8, 6 zero
Constant Delay 7
900L8D100
8, 6 zero
Constant Delay 7
Available High-Pass Filters:
Part#
#Poles
Filter Type
Page
900H8B
8
Butterworth
8
900H8E
8, 6 zero
Elliptic, 1.77
8
900H8EY
8, 6 zero
Elliptic, 2.00
8
Block Diagram
2
Front & Rear panel descriptions
4 & 5
General Specifications:
9
Ordering Information
10


Similar Part No. - 900CT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
900 E-SWITCH-900 Datasheet
172Kb / 2P
SUB-MINIATURE SMT PUSHBUTTON SWITCHES
900 E-SWITCH-900 Datasheet
153Kb / 1P
DETECTOR SWITCHES - SUB-MINIATURE SMT
logo
Visual Communications C...
900 VCC-900 Datasheet
1Mb / 3P
LED lamps
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
No heatsink preheating required
logo
Alpha Wire
900 ALPHAWIRE-900 Datasheet
160Kb / 3P
M12?륚 Die Cast Passive I/O Box
More results

Similar Description - 900CT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
UNIVERSAL ACTIVE FILTER
logo
Frequency Devices, Inc.
950L8B FREQUENCYDEVICES-950L8B Datasheet
730Kb / 9P
Tunable Filter Instruments
logo
Hittite Microwave Corpo...
HMC895LP4E HITTITE-HMC895LP4E_12 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Texas Instruments
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
UNIVERSAL ACTIVE FILTER
UAF42 TI1-UAF42_14 Datasheet
273Kb / 14P
UNIVERSAL ACTIVE FILTER
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
Tunable Band Pass Filter
logo
MTRONPTI
TF0111 MTRONPTI-TF0111 Datasheet
207Kb / 1P
Varactor Tunable Preselector Filter
TF0112 MTRONPTI-TF0112 Datasheet
203Kb / 1P
Varactor Tunable Preselector Filter
logo
Harris Corporation
HA-TF-30-520 HARRIS-HA-TF-30-520 Datasheet
81Kb / 2P
TUNABLE FILTER ACCESSORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com