Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900CT Datasheet(PDF) 6 Page - Frequency Devices, Inc.

Part # 900CT
Description  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900CT Datasheet(HTML) 6 Page - Frequency Devices, Inc.

Back Button 900CT Datasheet HTML 2Page - Frequency Devices, Inc. 900CT Datasheet HTML 3Page - Frequency Devices, Inc. 900CT Datasheet HTML 4Page - Frequency Devices, Inc. 900CT Datasheet HTML 5Page - Frequency Devices, Inc. 900CT Datasheet HTML 6Page - Frequency Devices, Inc. 900CT Datasheet HTML 7Page - Frequency Devices, Inc. 900CT Datasheet HTML 8Page - Frequency Devices, Inc. 900CT Datasheet HTML 9Page - Frequency Devices, Inc. 900CT Datasheet HTML 10Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Models 900CT & 900BT
8 Pole
Single Channel –
Certified
Low Pass Filters
6
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Model
900L8B
900L8L
900L8E
900L8EY
Filter Specifications
Transfer Function
8-Pole
Butterworth
8-Pole
Bessel
8-Pole, 6 zero
Elliptic
8-Pole, 6 zero
Elliptic
Range fc, fr
0.1 Hz to 49.9 kHz
0.1 Hz to 49.9 kHz
0.1 Hz to 49.9 kHz
0.1 Hz to 49.9 kHz
Theoretical Transfer
Characteristics
Appendix A
Page 9
Appendix A
Page 4
Appendix A
Page 24
Appendix A
Page 25
Tuning Resolution
1 part in 499
within each decade
1 part in 499
within each decade
1 part in 499
within each decade
1 part in 499
within each decade
Passband Ripple
0.0 dB
0.0 dB
±0.035 dB
-0.05 dB
Pass Band Voltage
Gain
(non-inverting)
0
± 0.1 dB typ.
0
± 0.2 dB max.
0
± 0.1 dB typ.
0
± 0.2 dB max.
0
± 0.1 dB typ.
0
± 0.2 dB max.
0
± 0.1 dB typ.
0
± 0.2 dB max.
Stopband
Attenuation
48 dB/Octave
48 dB/Octave
-80 dB typ.
-100 dB typ.
Cutoff Frequency
fc
±2% max.
fc
±2% max.
fc
±2% max.
fc
±2% max.
Accuracy
±0.5% typ.
±2% max.
±0.5% typ.
±2% max.
±0.5% typ.
±2% max.
±0.5% typ.
±2% max.
Stability
±0.01%/°C typ.
±0.02%/°C max.
±0.01%/°C typ.
±0.02%/°C max.
±0.01%/°C typ.
±0.02%/°C max.
±0.01%/°C typ.
±0.02%/°C max.
Amplitude
-3 dB
-3 dB
-0.035 dB
-0.05 dB
Phase
-360
°
-182
°
-323
°
-419
°
Filter Attenuation
0.12 dB
0.80 fc
1.91 dB
0.80 fc
0.35 dB
1.00 fr
0.05 dB
1.00 fr
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.13 fr
3.01 dB
1.06 fr
60.0 dB
2.37 fc
60.0 dB
4.52 fc
60.0 dB
1.67 fr
60.0 dB
1.83 fr
80.0 dB
3.16 fc
80.0 dB
6.07 fc
80.0 dB
1.77 fr
80.0 dB
2.00 fr
Total Harmonic
Distortion @ 1 kHz
<-90 dB typ.
<-90 dB typ.
<-90 dB typ.
<-88 dB typ.
Wide Band Noise
(5 Hz – 2 MHz)
200
µV
rms typ.
200
µV
rms typ.
250
µV
rms typ.
250
µV
rms typ.
Narrow Band Noise
(5 Hz – 100 kHz)
50
µV
rms typ.
50
µV
rms typ.
75
µV
rms typ.
75
µV
rms typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com