Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900CT/900L8E Datasheet(PDF) 8 Page - Frequency Devices, Inc.

Part # 900CT/900L8E
Description  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900CT/900L8E Datasheet(HTML) 8 Page - Frequency Devices, Inc.

Back Button 900CT/900L8E Datasheet HTML 4Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 5Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 6Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 7Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 8Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 9Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 10Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 11Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 12Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Models 900CT & 900BT
8 Pole
Single Channel –
Certified
High Pass Filters
8
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Model
900H8B
900H8E
900H8EY
Filter Specifications
Transfer Function
8-Pole
Butterworth
8-Pole, 6 zero
Elliptic
8-Pole, 6 zero
Elliptic
Range fc, fr
0.1 Hz to 49.9 kHz
0.1 Hz to 49.9 kHz
0.1 Hz to 49.9 kHz
Theoretical Transfer
Characteristics
Appendix A
Page 29
Appendix A
Page 37
Appendix A
Page 38
Tuning Resolution
1 part in 499
within each decade
1 part in 499
within each decade
1 part in 499
within each decade
Passband Ripple
0.0 dB
±0.035 dB
-0.05 dB
Pass Band Voltage
Gain
(non-inverting
)
0
± 0.2 dB to.100kHz
0
± 0.5 dB to 120kHz.
0
± 0.2 dB to.100kHz
0
± 0.5 dB to 120kHz.
0
± 0.2 dB to.100kHz
0
± 0.5 dB to 120kHz.
Powert Bandwidth
120 kHz
120 kHz
120 kHz
Stopband
Attenuation
48 dB/Octave
-80 dB typ.
-100 dB typ.
Cutoff Frequency
fc
±2% max.
fc
±2% max.
fc
±2% max.
Accuracy
±0.5% typ.
±2% max.
±0.5% typ.
±2% max.
±0.5% typ.
±2% max.
Stability
±0.01%/°C typ.
±0.02%/°C max.
±0.01%/°C typ.
±0.02%/°C max.
±0.01%/°C typ.
±0.02%/°C max.
Amplitude
-3 dB
-0.035 dB
-0.5 dB
Phase
-360
°
-323
°
-419
°
Filter Attenuation
80.0 dB
0.31 fc
80.0 dB
0.56 fr
100.0 dB
0.50 fr
(theoretical)
60.0 dB
0.42 fc
60.0 dB
0.60 fr
80.0 dB
0.55 fr
3.01 dB
1.00 fc
3.01 dB
0.88 fr
3.01 dB
0.94 fr
0.00 dB
2.00 fc
0.03 dB
1.00 fr
0.03 dB
1.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
Total Harmonic
Distortion @ 1 kHz
<-88 dB typ.
<-88 dB typ.
<-88 dB typ.
Wide Band Noise
(5 Hz – 2 MHz)
400
µV
rms typ.
400
µV
rms typ.
500
µV
rms typ.
Narrow Band Noise
(5 Hz – 100 kHz)
100
µV
rms typ.
100
µV
rms typ.
150
µV
rms typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com