Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900CT/900L8E Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # 900CT/900L8E
Description  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900CT/900L8E Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  900CT/900L8E Datasheet HTML 1Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 2Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 3Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 4Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 5Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 6Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 7Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 8Page - Frequency Devices, Inc. 900CT/900L8E Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Models 900CT & 900BT
Model 900 Series
Single Channel –
Certified
Front Panel Description
4
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Location of Front Panel Terminals and Controls
AB
C
D
E
F
G
H
I
J
K
L
M
A. POWER Status Lamp:
This red LED
indicates whether or not the power to the
analog filter circuitry of a Model 900CT/BT
Series instrument is ON.
With the power
switch in the ON position, the LED glows
continuously indicating internal DC power
levels are correct. If LED does not light when
power switch is in ON position, 1) reset
instrument by cycling POWER switch OFF
and ON, 2) Check line fuse.
For 900BT models only: If LED is flashing,
recharge batteries, approximately 30 minutes
of operation remains.
B. CORNER FREQUENCY
Selector Switch
(0-400Hz): This five position rotary switch
selects
the
100’s
digit
of
the
corner
frequency
designator.
The
switch
selectable values are 0, 100, 200, 300 and
400 in five discrete steps.
C. CORNER FREQUENCY
Selector Switch
(0-90):
This ten-position rotary switch
selects the 10’s digit of the desired corner
frequency between 0 and 90, in discrete
increments of 10.
D. CORNER FREQUENCY
Selector Switch
(0-9): This ten position rotary switch selects
the 1’s digit of the desired corner frequency
between 0 and 9 in discrete increments of 1.
E. MULTIPLIER
Selector Switch: This four-
position rotary switch multiplies by a factor of
either 0.1, 1.0, 10 or 100, the aggregate value
set on the 3 CORNER FREQUENCY selector
switches. (B, C & D)
F. GAIN
Switch:
This three-position toggle
switch selects an overall filter gain of 0, 10, or
20 dB.
G. BYPASS
Switch: OUT and IN setting of
this two position toggle switch routes the input
signal to the internal filter or around it,
respectively. E.g. OUT position - no Bypass,
the signal passes through the filter. In either
case, the gain switch remains operational.
H. INPUT
Switch: This three position toggle
configures the instrument for either differential
inputs (A-B), a single-ended input (A), or input
nulling ( ) which grounds both the (A) and (B)
input terminals.
I. & J. (A) and (B)
Input Terminals: This pair
of shielded, female BNC connectors accept
signal inputs (A) and (B).
The instrument
applies a non-inverting gain to input (A) and
an equal but opposite inverting gain to input
(B) while the GAIN switch sets the magnitude
of differential gain to 0, 10, or 20 dB.
The
BNC shields have been internally connected
to the instrument ground.
K. GROUND
( ) Terminal:
This “Banana”
type test jack provides neat and secure
access to the internal ground. This terminal
is
a
convenient
junction
for
grounding
external
system
and
measurement
instrumentation and/or apparatus.
L. OUT
Terminal: This terminal is a female
BNC connector.
The shield on the BNC is
internally connected to the instrument ground.
M. OFFSET
Adjust:
This adjustment is
intended to zero the offset that results from
the instrument’s own circuitry and does not
provide for wide range offset to remove dc
input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com