Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4056-4.2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4056-4.2
Description  Linear Li-Ion Charger with Termination in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4056-4.2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4056-4.2 Datasheet HTML 8Page - Linear Technology LTC4056-4.2 Datasheet HTML 9Page - Linear Technology LTC4056-4.2 Datasheet HTML 10Page - Linear Technology LTC4056-4.2 Datasheet HTML 11Page - Linear Technology LTC4056-4.2 Datasheet HTML 12Page - Linear Technology LTC4056-4.2 Datasheet HTML 13Page - Linear Technology LTC4056-4.2 Datasheet HTML 14Page - Linear Technology LTC4056-4.2 Datasheet HTML 15Page - Linear Technology LTC4056-4.2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4056-4.2
13
405642f
TYPICAL APPLICATIO S
USB Charging
The applications shown in Figures 5 and 6 are USB Li-Ion
chargers with automatic PowerPath
TM control. In order to
comply with USB power specifications a Li-Ion battery
charger must be able to limit the current draw from the
USB power port to 500mA, operate at input voltages as low
as 4.75V (ignoring resistive drops in the cable and connec-
tors which further reduce this value to 4.4V), and have a
low current standby mode.
As described in Undervoltage Charge Current Limiting, the
LTC4056 will automatically reduce charge current if the
input supply voltage reaches VUVCL (typically 4.575V).
This feature ideally solves the additional 350mV of resis-
tive drop that the USB power specification requires. If an
LTC4056 is connected to a particularly resistive USB
cable, then charge current will be reduced to ensure that
the input voltage does not drop below the undervoltage
lockout threshold.
The TIMER/SHDN pin can be used to put the LTC4056 into
a low current standby mode. By pulling TIMER/SHDN to
GND, the LTC4056 and LTC4412 will draw about 50
µA to
60
µA combined from the USB power port.
The LTC4056 actually regulates the current delivered to
the ISENSE pin (rather than the BAT pin current). This fact
allows the 500mA maximum USB power port consump-
tion to be easily enforced by tying all system loads to the
ISENSE pin and programming the charger to supply just
under 500mA (Figures 5 and 6 are programmed for
490mA). The total impedance between the VCC pin and
ISENSE pin is typically 0.2Ω, so the maximum drop is just
100mV (at 500mA).
VCC
ISENSE
CHRG
DRIVE
TIMER/SHDN
BAT
GND
8
7
6
5
1
2
3
4
PROG
4056-4.2 F05
Li-Ion
C1
1
µF
C4
4.7
µF
M1
2N7002
ON 0FF
USB
POWER
C3
1
µF
BAT
C2
0.1
µF
Q1
ZXT1M322
M2A
1/2 IRF7329
M2B
1/2 IRF7329
R2
1.87k
R5
0.5
Ω
R1
750
Ω
LTC4056
SENSE
GATE
VIN
SYSTEM
LOAD
STAT
GND
CTL
LTC4412
RED
+
R3
470k
VCC
ISENSE
CHRG
DRIVE
TIMER/SHDN
BAT
GND
PROG
4056-4.2 F06
Li-Ion
C1
1
µF
C4
4.7
µF
M1
2N7002
ON 0FF
USB
POWER
C3
1
µF
BAT
C2
0.1
µF
Q1
ZXT1M322
M2
Si2315BDS
MBRS130LT3
M3
Si1301DL
GREEN
R2
1.87k
R5
0.5
Ω
R1
750
Ω
8
7
6
5
1
2
3
4
LTC4056
SENSE
GATE
VIN
SYSTEM
LOAD
STAT
GND
CTL
LTC4412
RED
+
R3
470k
R4
750
Ω
Figure 5. USB Charging and Automatic PowerPath Control with Auxiliary P-Channel MOSFET for Lowest Loss
Figure 6. USB Charging and Automatic PowerPath Control with LTC4412 in Comparator Mode
PowerPath is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com