Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4056-4.2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4056-4.2
Description  Linear Li-Ion Charger with Termination in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4056-4.2 Datasheet(HTML) 3 Page - Linear Technology

  LTC4056-4.2 Datasheet HTML 1Page - Linear Technology LTC4056-4.2 Datasheet HTML 2Page - Linear Technology LTC4056-4.2 Datasheet HTML 3Page - Linear Technology LTC4056-4.2 Datasheet HTML 4Page - Linear Technology LTC4056-4.2 Datasheet HTML 5Page - Linear Technology LTC4056-4.2 Datasheet HTML 6Page - Linear Technology LTC4056-4.2 Datasheet HTML 7Page - Linear Technology LTC4056-4.2 Datasheet HTML 8Page - Linear Technology LTC4056-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4056-4.2
3
405642f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆VRECHRG
Recharge Threshold Voltage
VFLOAT – VRECHRG, VBAT > VTRIKL,
100
150
200
mV
Charge Termination Timer Expired
TTIMER
TIMER/SHDN Accuracy
CTIMER = 1µF RPROG = 1.43k
q
10
12
%
Charger Manual Control
VMSDT
Manual Shutdown Threshold Voltage
VTIMER/SHDN Increasing
q
0.6
0.82
1
V
VMSHYS
Manual Shutdown Hysteresis Voltage
VTIMER/SHDN Decreasing
50
75
125
mV
ISHDN
TIMER/SHDN Pin Pull-up Current
VTIMER/SHDN = 0V
– 10
– 7
– 4
µA
Protection
IDSHRT
Drive Output Short-Circuit Current Limit
VDRIVE = VCC
q
30
65
130
mA
IPSHRT
PROG Pin Short-Circuit Current Limit
VPROG = 0V
1.4
mA
Status Output
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG = 1V, VTIMER/SHDN = 0V
6
12
18
µA
VCHRG
CHRG Output Low Voltage
ICHRG = 10mA
q
0.2
0.4
V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4056E is guaranteed to meet performance specifications
from 0
°C to 70°C ambient temperature range. Specifications over the
–40
°C to 85°C operating ambient temperature range are assured by
design, characterization and correlation with statistical process controls.
Note 3: Although the LTC4056 will operate with input voltages as low as
4.5V, charging will not begin until VCC exceeds VUVCL.
Note 4: Assumes that the external PNP pass transistor has negligible B-C
reverse-leakage current when the collector is biased at 4.2V (VBAT) and the
base is biased at 5V (VCC).
Note 5: Assumes that the external PNP pass transistor has negligible B-E
reverse-leakage current when the emitter is biased at 0V (VCC) and the
base is biased at 4.2V (VBAT).
TYPICAL PERFOR A CE CHARACTERISTICS
Float Voltage vs Temperature and
Supply Voltage
TEMPERATURE (
°C)
–50
4.205
4.210
4.215
25
75
4056-4.2 G01
4.200
4.195
–25
0
50
100
125
4.190
4.185
IBAT = 10mA
PNP = FZT749
VCC = 6.5V
VCC = 4.75V
IBAT (mA)
0
300
4056-4.2 G02
4.200
4.199
100
200
400
4.198
4.202
4.201
500
600
700
VCC = 5V
TA = 25°C
PNP = FZT749
RPROG = 1.30k
TEMPERATURE (
°C)
–50
215
25
4056-4.2 G03
200
190
–25
0
50
185
180
220
210
205
195
75
100
125
RPROG = 4.53k
PNP = FZT749
VCC = 6.5V
VCC = 4.75V
Float Voltage vs IBAT
IBAT vs Temperature and
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com