Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT297 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT297
Description  DIGITAL PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT297 Datasheet(HTML) 5 Page - Texas Instruments

  CD74ACT297 Datasheet HTML 1Page - Texas Instruments CD74ACT297 Datasheet HTML 2Page - Texas Instruments CD74ACT297 Datasheet HTML 3Page - Texas Instruments CD74ACT297 Datasheet HTML 4Page - Texas Instruments CD74ACT297 Datasheet HTML 5Page - Texas Instruments CD74ACT297 Datasheet HTML 6Page - Texas Instruments CD74ACT297 Datasheet HTML 7Page - Texas Instruments CD74ACT297 Datasheet HTML 8Page - Texas Instruments CD74ACT297 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CD74ACT297
DIGITAL PHASE-LOCKED LOOP
SCHS297A – AUGUST 1998 – REVISED SEPTEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
The phase detector generates an error-signal waveform that, at zero phase error, is a 50% duty-cycle square
wave. At the limits of linear operation, the phase-detector output will be either high or low all of the time,
depending on the direction of the phase error (
φin – φout). Within these limits, the phase-detector output varies
linearly with the input phase error according to the gain kd, which is expressed in terms of phase-detector output
per cycle of phase error. The phase-detector output can be varied between ±1 according to the relation:
Phase-detector output
+
%high–%low
100
The output of the phase detector will be kd φe, where the phase error φe = φin – φout.
Exclusive-OR phase detectors (XORPD) and edge-controlled phase detectors (ECPD) are commonly used
digital types. The ECPD is more complex than the XORPD logic function, but can be described generally as
a circuit that changes states on one of the transitions of its inputs. For an XORPD, kd is 4 because its output
remains high (PD output = 1) for a phase error of 1/4 cycle. Similarly, for the ECPD, kd is 2 because its output
remains high for a phase error of 1/2 cycle. The type of phase detector will determine the zero-phase-error point,
i.e., the phase separation of the phase-detector inputs for
φe defined to be zero. For the basic DPLL system of
Figure 2,
φe = 0 when the phase-detector output is a square wave. The XORPD inputs are 1/4 cycle out of phase
for zero phase error. For the ECPD,
φe = 0 when the inputs are 1/2 cycle out of phase.
φA1
Divide-By-K
Counter
Divide-By-N
Counter
fin, φin
Mfc
I/D Circuit
I/D OUT
I/D CLK
Carry
Borrow
D/U
K CLK
XORPD OUT
fout, φout
φB
fin, φin
2 Nfc
Figure 2. DPLL Using Exclusive-OR Phase Detection
The phase-detector output controls the up/down input to the K counter. The counter is clocked by input
frequency Mfc, which is a multiple M of the loop center frequency fc. When the K counter recycles up, it generates
a carry pulse. Recycling while counting down generates a borrow pulse. If the carry and borrow outputs are
conceptually combined into one output that is positive for a carry and negative for a borrow, and if the K counter
is considered as a frequency divider with the ratio Mfc/K, the output of the K counter will equal the input frequency
multiplied by the division ratio. Thus, the output from the K counter is (kdφeMfc)K.
The carry and borrow pulses go to the increment/decrement (I/D) circuit, which, in the absence of any carry or
borrow pulse, has an output that is one half of the input clock (I/D CLK). The input clock is just a multiple, 2N,
of the loop center frequency. In response to a carry or borrow pulse, the I/D circuit will either add or delete a
pulse at I/D OUT. Thus, the output of the I/D circuit will be Nfc 4 (kdφeMfc)/2K.
The output of the N counter (or the output of the phase-locked loop) is:
fo + fc ) (kdfeMfc) 2KN
When this result is compared to the equation for a first-order analog phase-locked loop, the digital equivalent
of the gain of the VCO is just Mfc/2KN or fc/K for M = 2N.
Thus, the simple first-order phase-locked loop with an adjustable K counter is the equivalent of an analog
phase-locked loop with a programmable VCO gain.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com