Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT297 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT297
Description  DIGITAL PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT297 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74ACT297 Datasheet HTML 4Page - Texas Instruments CD74ACT297 Datasheet HTML 5Page - Texas Instruments CD74ACT297 Datasheet HTML 6Page - Texas Instruments CD74ACT297 Datasheet HTML 7Page - Texas Instruments CD74ACT297 Datasheet HTML 8Page - Texas Instruments CD74ACT297 Datasheet HTML 9Page - Texas Instruments CD74ACT297 Datasheet HTML 10Page - Texas Instruments CD74ACT297 Datasheet HTML 11Page - Texas Instruments CD74ACT297 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CD74ACT297
DIGITAL PHASE-LOCKED LOOP
SCHS297A – AUGUST 1998 – REVISED SEPTEMBER 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
92CS-43152
φB
φA2
ECPD OUT
tPHL
tPLH
3 V
0 V
VOL
≈VCC
50% VCC
1.5 V
50% VCC
1.5 V
1.5 V
3 V
0 V
Figure 9. Waveforms Showing Phase Input (
φB, φA2) to Output (ECPD OUT) Propagation Delays
92CS-40453
D/U
ENCTR
K CLK
1/fmax
tsu
tw
tsu
tH
tH
NOTE A: Shaded areas indicate when the input is permitted to change for predictable output performance.
3 V
0 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
Figure 10. Waveforms Showing Clock (K CLK) Pulse Duration and Maximum Clock Pulse Frequency,
and Inputs (D/U, ENCTR) to Clock (K CLK) Setup and Hold Times.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF,
(unless otherwise noted)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
f
K CLK
I/D OUT
55
45
MHz
fmax
I/D CLK
I/D OUT
40
35
MHz
tPLH
I/D CLK
I/D OUT
19
24
ns
tPHL
I/D CLK
I/D OUT
19
24
ns
tPHL
φA2
ECPD OUT
24
30
ns
tPLH
φA
XORPD OUT
17
22
ns
tPHL
φA1
XORPD OUT
17
22
ns
tPLH
φB
XORPD OUT
17
22
ns
tPHL
φB
XORPD OUT
17
22
ns
tPLH
φB
ECPD OUT
24
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com