Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMRT28515THP Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # SMRT28515THP
Description  SMRT Single, Dual and Triple DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT28515THP Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button SMRT28515THP Datasheet HTML 3Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 4Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 5Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 6Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 7Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 8Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 9Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 10Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Electrical Characteristics: -55°C to +125°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1. Guaranteed by design, not tested.
2. Maximum power dissipation when output is shorted.
3. Measured from release of inhibit or input voltage step.
4. Minimum value pre-load on all outputs of 2% of full load should be used on all outputs at TID of 100k rads(Si) and greater to ensure tight regulation
over full input voltage range.
5. Half load to/from full load; Transition time ≥ 10 μs.
6. Converter should not be inhibited or operated below 19 Vin above 5x104 rads (Si) total dose.
7. If 3.3S model is trimmed to the high end of its range, then minimum Vin = 22 V.
8. Converters meet MIL-STD-461 specification revisions for conducted emissions C-CE03 and D-/E-CE-102. The actual value of input ripple current
is much less, the limit in the characteristic table is based on measurement resolution.
SINGLE OUTPUT MODELS
SMRT283R3S
SMRT2805S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
3.23
3.30
3.37
4.90
5.00
5.10
VDC
OUTPUT CURRENT4
—
—
6.97
0
—
6 . 0
A
OUTPUT POWER4
VIN = 19 TO 56 VDC
0
—
23
0
—
30
W
OUTPUT RIPPLE
10 KHZ - 20 MHZ
—
—
200
—
—
200
mV p-p
LINE REGULATION
VIN = 19, 28, 50 VDC
—
5
3 0
—
5
3 0
mV
LOAD REGULATION
—
5
4 0
—
5
4 0
mV
TOTAL REGULATION
ALL CONDITIONS OF
LINE, LOAD, AGING,
TEMP AND RADIATION
3.0
—
3.6
4.7
—
5.3
VOUT
INPUT VOLTAGE6, 7
CONTINUOUS
19
28
56
0
—
80
19
28
56
0
—
80
VDC
V
TRANSIENT 100 ms
INPUT CURRENT
INHIBITED6
—
—
50
—
—
110
—
—
50
—
—
110
mA
NO LOAD
INPUT RIPPLE CURRENT8
10 kHz - 20 MHz
—
10
50
—
10
50
mA p-p
EFFICIENCY
65
—
—
66
—
—
%
LOAD FAULT
POWER DISSIPATION2
—
—
28
—
—
28
W
STEP LOAD RESPONSE5
TRANSIENT
-450
—
450
—
—
3
-450
—
450
—
—
3
mV pk
ms
RECOVERY
STEP LINE RESPONSE1
19 - 56 - 19 VIN
TRANSIENT
-500
—
500
—
—
4
-500
—
500
—
—
4
mV pk
ms
RECOVERY
START-UP
DELAY3
NO LOAD AND FULL
—
—
35
—
—
50
—
—
25
—
—
50
ms
mV pk
OVERSHOOT3
CAPACITIVE LOAD1
UNCONDITIONALLY
STABLE, START-UP
DELAY INCREASED
TC = 25°C
—
—
5000
—
—
5000
μF
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 7 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converters
28 VOLT INPUT – 35 WATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com