Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMRT28515THP Datasheet(PDF) 14 Page - Crane Aerospace & Electronics.

Part # SMRT28515THP
Description  SMRT Single, Dual and Triple DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT28515THP Datasheet(HTML) 14 Page - Crane Aerospace & Electronics.

Back Button SMRT28515THP Datasheet HTML 9Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 10Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 11Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 12Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 13Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 14Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 15Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 16Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 17Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
BOTTOM VIEW CASE S
Seal hole: 0.123 ±0.002 (3.124 ±0.05)
Angled corner
indicates pin 1
6 x 0.135 dia.
12 x 0.040 dia.
1
2
3
4
5
14
13
12
1 1
10
9
8
2x 1.700 (43.18)
2x 1.500 (38.10)
2x 1.300 (33.02)
2x 1.100 (27.94)
2x 0.900 (22.86)
0.700 (17.78)
0.500 (12.70)
3x 2.075 (52.68)
3x 0.125 (3.15)
0.00
Materials
Header Cold Rolled Steel/Nickel
Cover
Kovar/Nickel
Pins
#52 alloy, ceramic seal
Case S, Rev B, 20060711
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
3x 2.205 max (56.01)
0.262
FIGURE 4: CASE S
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 14 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converter Cases
28 VOLT INPUT – 35 WATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com